Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T1865 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72T1865
Description  2.5 VOLT HIGH-SPEED TeraSync??FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T1865 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72T1865 Datasheet HTML 6Page - Integrated Device Technology IDT72T1865 Datasheet HTML 7Page - Integrated Device Technology IDT72T1865 Datasheet HTML 8Page - Integrated Device Technology IDT72T1865 Datasheet HTML 9Page - Integrated Device Technology IDT72T1865 Datasheet HTML 10Page - Integrated Device Technology IDT72T1865 Datasheet HTML 11Page - Integrated Device Technology IDT72T1865 Datasheet HTML 12Page - Integrated Device Technology IDT72T1865 Datasheet HTML 13Page - Integrated Device Technology IDT72T1865 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T1845/55/65/75/85/95/105/115/125 2.5V TeraSync™ 18-BIT/9-BIT FIFO 2Kx18/4Kx9, 4Kx18/
8Kx9, 8Kx18/16Kx9, 16Kx18/32Kx9, 32Kx18/64Kx9, 64Kx18/128Kx9, 128Kx18/256Kx9, 256Kx18/512Kx9, 512Kx18/1Mx9
Symbol
Rating
Commercial
Unit
VTERM
TerminalVoltage
–0.5 to +3.6(2)
V
with respect to GND
TSTG
StorageTemperature
–55 to +125
°C
IOUT
DCOutputCurrent
–50 to +50
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
SupplyVoltage
2.375
2.5
2.625
V
GND
SupplyVoltage
0
0
0
V
VIH
InputHighVoltage
⎯ LVTTL
1.7
3.45
V
⎯ eHSTL
VREF+0.2
VDDQ+0.3
V
⎯ HSTL
VREF+0.2
VDDQ+0.3
V
VIL
InputLowVoltage
⎯ LVTTL
-0.3
0.7
V
⎯ eHSTL
-0.3
VREF-0.2
V
⎯ HSTL
-0.3
VREF-0.2
V
VREF(1)
VoltageReferenceInput
⎯ eHSTL
0.8
0.9
1.0
V
⎯ HSTL
0.68
0.75
0.9
V
TA
OperatingTemperatureCommercial
0
70
°C
TA
OperatingTemperatureIndustrial
-40
85
°C
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Compliant with JEDEC JESD8-5. VCC terminal only.
NOTE:
1. VREF is only required for HSTL or eHSTL inputs. VREF should be tied LOW for LVTTL operation.
2. Outputs are not 3.3V tolerant.
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN(2,3)
Input
VIN = 0V
10(3)
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
CAPACITANCE(TA=+25°C,f=1.0MHz)
NOTES:
1. With output deselected, (OE
≥ VIH).
2. Characterized values, not currently tested.
3. CIN for Vref is 20pF.


Similar Part No. - IDT72T1865

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T1865 ETC2-IDT72T1865 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T1865 IDT-IDT72T1865 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1865 RENESAS-IDT72T1865 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T1865L10BB IDT-IDT72T1865L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1865L10BBI IDT-IDT72T1865L10BBI Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T1865

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com