Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E24SR Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # E24SR
Description  Fixed frequency operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E24SR Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  E24SR Datasheet HTML 1Page - Delta Electronics, Inc. E24SR Datasheet HTML 2Page - Delta Electronics, Inc. E24SR Datasheet HTML 3Page - Delta Electronics, Inc. E24SR Datasheet HTML 4Page - Delta Electronics, Inc. E24SR Datasheet HTML 5Page - Delta Electronics, Inc. E24SR Datasheet HTML 6Page - Delta Electronics, Inc. E24SR Datasheet HTML 7Page - Delta Electronics, Inc. E24SR Datasheet HTML 8Page - Delta Electronics, Inc. E24SR Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS_E24SR12005_10282013
2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=24 Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
E24SR12005 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
36
Vdc
Transient (100ms)
100ms
50
Vdc
Operating Temperature
Refer to figure 21 for measuring point
117
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
18
36
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
16
17
17.8
Vdc
Turn-Off Voltage Threshold
15
16
17
Vdc
Lockout Hysteresis Voltage
0.7
1
1.5
Vdc
Maximum Input Current
100% Load, 18Vin
3.8
A
No-Load Input Current
150
180
mA
Off Converter Input Current
3
10
mA
Inrush Current (I
2t)
0.1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
10
mA
Input Voltage Ripple Rejection
120 Hz
55
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=24V, Io=Io.max, Tc=25°C
11.82
12
12.18
Vdc
Output Voltage Regulation
Over Load
Io=Io, min to Io, max
±3
±10
mV
Over Line
Vin=18V to36V
±3
±10
mV
Over Temperature
Tc=-40°C to100°C
±100
mV
Total Output Voltage Range
Over sample load, line and temperature
11.76
12.24
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
50
100
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
15
30
mV
Operating Output Current Range
0
5
A
Output Over Current Protection
Output Voltage 10% Low
110
140
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
50% Io.max to 75% Io.max
180
250
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
180
250
mV
Settling Time (within 1% Vout nominal)
150
us
Turn-On Transient
Start-Up Time, From On/Off Control
5
ms
Start-Up Time, From Input
5
ms
Back bias start-up
 90% of nominal output voltage
Back drive current limit while pin on-off is enabled
Io=0A
0.1
A
Back drive current limit while pin on-off is disabled
Io=0A
50
mA
Maximum Output Capacitance
Full load; 5% overshoot of Vout at startup
2000
µF
EFFICIENCY
100% Load
90.5
%
60% Load
90
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Isolation Resistance
10
Isolation Capacitance
1500
pF
FEATURE CHARACTERISTICS
Switching Frequency
350
kHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
-0.7
0.5
V
Logic High (Module Off)
3
18
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
-0.7
0.5
V
Logic High (Module On)
3
18
V
On/off pin open circuit voltage
9.6
V
On/off pin pull down resistance
12
Kohm
Output Voltage Trim Range
Pout ≦ max rated power
-10
+10
%
Output Voltage Remote Sense Range
Pout ≦ max rated power
+10
%
Output Over-Voltage Protection
Over full temp range;
13.8
16.8
V
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C, 300LFM airflow
2.81
M hours
Weight
22.0
grams
Over-Temperature Shutdown
Refer to figure 21 for measuring point
130
°C


Similar Part No. - E24SR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR05012NKFA DELTA-E24SR05012NKFA Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR05012NMFA DELTA-E24SR05012NMFA Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR05012NNFA DELTA-E24SR05012NNFA Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR05012NRFA DELTA-E24SR05012NRFA Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
More results

Similar Description - E24SR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
   Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
   Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
   Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
   Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
   Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
   Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
   Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com