Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72T18105L5BB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 72T18105L5BB
Description  2.5 VOLT HIGH-SPEED TeraSync??FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72T18105L5BB Datasheet(HTML) 5 Page - Integrated Device Technology

  72T18105L5BB Datasheet HTML 1Page - Integrated Device Technology 72T18105L5BB Datasheet HTML 2Page - Integrated Device Technology 72T18105L5BB Datasheet HTML 3Page - Integrated Device Technology 72T18105L5BB Datasheet HTML 4Page - Integrated Device Technology 72T18105L5BB Datasheet HTML 5Page - Integrated Device Technology 72T18105L5BB Datasheet HTML 6Page - Integrated Device Technology 72T18105L5BB Datasheet HTML 7Page - Integrated Device Technology 72T18105L5BB Datasheet HTML 8Page - Integrated Device Technology 72T18105L5BB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
5
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T1845/55/65/75/85/95/105/115/125 2.5V TeraSync™ 18-BIT/9-BIT FIFO 2Kx18/4Kx9, 4Kx18/
8Kx9, 8Kx18/16Kx9, 16Kx18/32Kx9, 32Kx18/64Kx9, 64Kx18/128Kx9, 128Kx18/256Kx9, 256Kx18/512Kx9, 512Kx18/1Mx9
Thedevicecanbeconfiguredwithdifferentinputandoutputbuswidthsas
shown in Table 1.
A Big-Endian/Little-Endian data word format is provided. This function is
useful when data is written into the FIFO in long word format (x18) and read
outoftheFIFOinsmallword(x9)format.IfBig-Endianmodeisselected,then
themostsignificantbyte(word)ofthelongwordwrittenintotheFIFOwillberead
outoftheFIFOfirst,followedbytheleastsignificantbyte.IfLittle-Endianformat
isselected,thentheleastsignificantbyteofthelongwordwrittenintotheFIFO
willbereadoutfirst,followedbythemostsignificantbyte.Themodedesiredis
configured during master reset by the state of the Big-Endian (BE) pin.
TheInterspersed/Non-InterspersedParity(IP)bitfunctionallowstheuser
to select the parity bit in the word loaded into the parallel port (D0-Dn) when
programmingtheflagoffsets.IfInterspersedParitymodeisselected,thenthe
FIFOwillassumethattheparitybitislocatedinbitpositionsD8duringtheparallel
programmingoftheflagoffsets. IfNon-InterspersedParitymodeisselected,
then D8 is assumed to be a valid bit and D16 and D17 are ignored. IP mode
is selected during Master Reset by the state of the IP input pin. This mode is
relevant only when the input width is set to x18 mode.
If,atanytime,theFIFOisnotactivelyperforminganoperation,thechipwill
automaticallypowerdown.Onceinthepowerdownstate,thestandbysupply
currentconsumptionisminimized. Initiatinganyoperation(byactivatingcontrol
inputs)willimmediatelytakethedeviceoutofthepowerdownstate.
Both an Asynchronous Output Enable pin (OE) and Synchronous Read
ChipSelectpin(RCS)areprovidedontheFIFO.TheSynchronousReadChip
SelectissynchronizedtotheRCLK.Boththeoutputenableandreadchipselect
control the output buffer of the FIFO, causing the buffer to be either HIGH
impedanceorLOWimpedance.
A JTAG test port is provided, here the FIFO has fully functional Boundary
Scan feature, compliant with IEEE 1449.1 Standard Test Access Port and
BoundaryScanArchitecture.
The TeraSync FIFO has the capability of operating its ports (write and/or
read)ineitherLVTTLorHSTLmode,eachportsselectionindependentofthe
other.ThewriteportselectionismadeviaWHSTLandthereadportselection
via RHSTL. An additional input SHSTL is also provided, this allows the user
toselectHSTLoperationforotherpinsonthedevice(notassociatedwiththe
write or read ports).
The IDT72T1845/72T1855/72T1865/72T1875/72T1885/72T1895/
72T18105/72T18115/72T18125arefabricatedusinghighspeedsubmicron
CMOStechnology.


Similar Part No. - 72T18105L5BB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72T18105L5BBG RENESAS-72T18105L5BBG Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
72T18105L5BBGI RENESAS-72T18105L5BBGI Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
More results

Similar Description - 72T18105L5BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com