Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

853S54AKI-01LF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 853S54AKI-01LF
Description  Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S54AKI-01LF Datasheet(HTML) 1 Page - Integrated Device Technology

  853S54AKI-01LF Datasheet HTML 1Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 2Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 3Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 4Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 5Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 6Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 7Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 8Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
©2017 Integrated Device Technology, Inc.
June 16, 2017
Description
The 853S54I-01 is a 2:1/1:2 Multiplexer. The 2:1 Multiplexer
allows one of 2 inputs to be selected onto one output pin and the
1:2 MUX switches one input to one of two outputs. This device
may be useful for multiplexing multi-rate Ethernet PHYs which
have 100Mbit and 1000Mbit transmit/receive pairs onto an optical
SFP module which has a single transmit/receive pair. A 3RD mode
allows loop back testing and allows the output of a PHY transmit
pair to be routed to the PHY input pair. For examples, please refer
to the Application Block diagrams on pages 2-3 of the data sheet.
The 853S54I-01 is optimized for applications requiring very high
performance and has a maximum operating frequency in 2.5GHz.
The device is packaged in a small, 3mm x 3mm VFQFN package,
making it ideal for use on space-constrained boards.
Features
Dual 2:1, 1:2 MUX
Three LVPECL output pairs
Three differential clock inputs can accept: LVPECL, LVDS, CML
Loopback test mode available
Maximum output frequency: 2.5GHz
Propagation delay: 550ps (maximum)
Part-to-part skew: 275ps (maximum)
Additive phase jitter, RMS: 27fs (typical)
LVPECL mode operating voltage supply range:
V
CC = 2.375V to 3.465V, VEE = 0V
ECL mode operating voltage supply range:
V
CC = 0V, VEE = -3.465V to -2.375V
-40°C to 85°C ambient operating temperature
Available in lead-free (RoHS 6) package
5
6
7
8
16 15 14 13
1
2
3
4
12
11
10
9
QA0
nQA0
QA1
nQA1
INA0
nINA0
INA1
nINA1
853S54I-01
16-Lead VFQFN
3mm x 3mm x 0.925mm
package body
K Package
Top View
Block Diagram
Pin Assignment
0
1
0
1
LOOP 0
LOOP 1
SELB
SELA
INA0
nINA0
INA1
nINA1
QA0
nQA0
QA1
nQA1
INB
nINB
QB
nQB
Pullup/Pulldown
Pulldown
Pullup/Pulldown
Pulldown
Pullup/Pulldown
Pulldown
853S54I-01
Datasheet
Dual 2:1, 1:2 Differential-to-LVPECL/
ECL Multiplexer


Similar Part No. - 853S54AKI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S54AKI-01LF IDT-853S54AKI-01LF Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
logo
Renesas Technology Corp
853S54AKI-01LF RENESAS-853S54AKI-01LF Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54AKI-01LFT IDT-853S54AKI-01LFT Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
logo
Renesas Technology Corp
853S54AKI-01LFT RENESAS-853S54AKI-01LFT Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
More results

Similar Description - 853S54AKI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
   DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
logo
Renesas Technology Corp
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
   2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com