Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72T18115L6-7BB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72T18115L6-7BB
Description  2.5 VOLT HIGH-SPEED TeraSync??FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72T18115L6-7BB Datasheet(HTML) 2 Page - Integrated Device Technology

  72T18115L6-7BB Datasheet HTML 1Page - Integrated Device Technology 72T18115L6-7BB Datasheet HTML 2Page - Integrated Device Technology 72T18115L6-7BB Datasheet HTML 3Page - Integrated Device Technology 72T18115L6-7BB Datasheet HTML 4Page - Integrated Device Technology 72T18115L6-7BB Datasheet HTML 5Page - Integrated Device Technology 72T18115L6-7BB Datasheet HTML 6Page - Integrated Device Technology 72T18115L6-7BB Datasheet HTML 7Page - Integrated Device Technology 72T18115L6-7BB Datasheet HTML 8Page - Integrated Device Technology 72T18115L6-7BB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T1845/55/65/75/85/95/105/115/125 2.5V TeraSync™ 18-BIT/9-BIT FIFO 2Kx18/4Kx9, 4Kx18/
8Kx9, 8Kx18/16Kx9, 16Kx18/32Kx9, 32Kx18/64Kx9, 64Kx18/128Kx9, 128Kx18/256Kx9, 256Kx18/512Kx9, 512Kx18/1Mx9
WCS
PRS
LD
FF/IR
OW
HF
BE
IP
ASYR
PFM
EREN
MARK
WCLK
MRS
FWFT/SI
PAF
FSEL0
SHSTL
FSEL1
DNC
RHSTL
PAE
EF/OR
RCLK
WEN
WHSTL
VDDQ
VDDQ
VDDQ
VCC
VCC
VDDQ
VDDQ
VDDQ
REN
RT
ASYW
SEN
VDDQ
VCC
VCC
GND
GND
VCC
VCC
VDDQ
RCS
OE
SCLK
VREF
VDDQ
VCC
VCC
VDDQ
Q17
IW
D17
VCC
GND
VCC
VDDQ
Q16
D15
D16
VCC
GND
VCC
VDDQ
Q15
D13
D14
VDDQ
VCC
VDDQ
Q14
Q13
D11
D12
VDDQ
VCC
VDDQ
Q12
Q11
D9
D10
VDDQ
VDDQ
VDDQ
VCC
VCC
VDDQ
VDDQ
VDDQ
Q10
Q9
D7
D3
D1
TRST
TCK
TDI
ERCLK
Q1
Q3
Q5
Q8
D6
D4
D2
D0
TMS
TD0
Q0
Q2
Q4
Q6
Q7
A1 BALL PAD CORNER
A
B
C
D
E
F
G
H
J
K
L
M
1
2
3
456
7
8
9
10
11
12
5909 drw02
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VCC
GND
GND
GND
GND
GND
VCC
GND
GND
VCC
VCC
GND
GND
GND
GND
D5
D8
IDT72T1845/72T1855/72T1865/72T1875/72T1885/72T1895 Only
PBGA: 1mm pitch, 13mm x 13mm BB144 (Order code: BB)
TOP VIEW
PIN CONFIGURATIONS
NOTE:
1. DNC - Do Not Connect.


Similar Part No. - 72T18115L6-7BB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72T18115L6-7BBG RENESAS-72T18115L6-7BBG Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
72T18115L6-7BBGI RENESAS-72T18115L6-7BBGI Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
More results

Similar Description - 72T18115L6-7BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com