Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV1442 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # MV1442
Description  HDB3 Encoder/Decoder/Clock Regenerator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MV1442 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  MV1442 Datasheet HTML 1Page - Zarlink Semiconductor Inc MV1442 Datasheet HTML 2Page - Zarlink Semiconductor Inc MV1442 Datasheet HTML 3Page - Zarlink Semiconductor Inc MV1442 Datasheet HTML 4Page - Zarlink Semiconductor Inc MV1442 Datasheet HTML 5Page - Zarlink Semiconductor Inc MV1442 Datasheet HTML 6Page - Zarlink Semiconductor Inc MV1442 Datasheet HTML 7Page - Zarlink Semiconductor Inc MV1442 Datasheet HTML 8Page - Zarlink Semiconductor Inc MV1442 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4
MV1442
1 CLOCK PERIOD
RXD1
RXD2
DECODER
CLOCK
NOTE
The LOSS OF INPUT output is delayed by one clock period with respect to the incoming HDB3 waveform
LOSS OF
INPUT
1
2
3
4
56789
10
11
Figure 6 - Loss of input waveforms
1
2
3
4
5
6
7
8
9
Pin
Signal name
Description
NRZ DATA IN
ENCODER CLOCK
LOSS OF INPUT
NRZ DATA OUT
DECODER CLOCK
RESET AIS
AIS
MODE
GND
Input pin for data to be encoded into pseudo-ternary HDB3 form. This data is clocked into
the Encoder block by the falling edge of ENCODER CLOCK.
Clock input for the encoding of data on pin 1.
Output from the loss of input circuit This output goes high one clock period after the
detection of eleven consecutive zeros on the decoder inputs. Any logic ‘1’ at the input
(RXD1 or RXD2=0) resets this count after a single clock period delay.
NRZ data output obtained from the decoding of the pseudo-ternary inputs to the Decoder
block.
Clock input to the Decoder block for decoding data on RXD1 and RXD2 or TXD1 and TXD2
in loop test mode. In internal clock regeneration mode, this pin is used to output the
regenerated clock to external circuitry. In external clock regeneration, mode this pin is
used to input the externally regenerated clock signal direct to the Decoder block.
Reset input to the decoded zero counter A logic ‘0’ on this input resets a decoded zero
counter. It will also reset the AIS output to ‘0’ provided 3 or more zeros have been decoded
in the preceding RESET AIS = 1 period or set AIS to 1 if less than 3 zeros have been
decoded in the preceding RESET AIS = 1 period This may be used to indicate loss of
timeslot zero. A logic ‘1’ on this pin enables the decoded zero counter.
Output from AIS circuit (see description for pin 6).
Input pin for selection of clock regeneration mode. A logic high on this input selects internal
crystal controlled clock regeneration while a logic low selects external clock regeneration.
Digital ground 0V.
Table 1 - Pin descriptions
Contd…
DECODER
CLOCK
NRZ DATA OUT
RESET AIS
AIS
Figure 7 - AIS and RESET AIS waveforms


Similar Part No. - MV1442

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1401 ASI-MV1401 Datasheet
17Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
MV1403 ASI-MV1403 Datasheet
11Kb / 1P
   TUNING VARACTOR
logo
Zarlink Semiconductor I...
MV1403 ZARLINK-MV1403 Datasheet
372Kb / 18P
   PCM MACROCELL DEMONSTRATOR
logo
Advanced Semiconductor
MV1403 ASI-MV1403 Datasheet
35Kb / 1P
   TUNING VARACTOR
MV1403 ASI-MV1403_07 Datasheet
35Kb / 1P
   TUNING VARACTOR
More results

Similar Description - MV1442

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MV1471 ZARLINK-MV1471 Datasheet
585Kb / 9P
   HDB3/AMI ENCODER/DECODER
logo
List of Unclassifed Man...
MJ1440 ETC2-MJ1440 Datasheet
149Kb / 5P
   2 MBIT PCM SIGNALLING CIRCUIT HDB3 ENCODER/DECODER
logo
Agere Systems
LG1600KXH AGERE-LG1600KXH Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
Agere Systems
LG1600FXH AGERE-LG1600FXH Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
logo
Silicon Laboratories
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
logo
Raltron Electronics Cor...
SY02-FEC RALTRON-SY02-FEC Datasheet
291Kb / 5P
   HIGH FREQUENCY CLOCK REGENERATOR - SY02-FEC
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com