Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72T18125L6-7BB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72T18125L6-7BB
Description  2.5 VOLT HIGH-SPEED TeraSync??FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72T18125L6-7BB Datasheet(HTML) 4 Page - Integrated Device Technology

  72T18125L6-7BB Datasheet HTML 1Page - Integrated Device Technology 72T18125L6-7BB Datasheet HTML 2Page - Integrated Device Technology 72T18125L6-7BB Datasheet HTML 3Page - Integrated Device Technology 72T18125L6-7BB Datasheet HTML 4Page - Integrated Device Technology 72T18125L6-7BB Datasheet HTML 5Page - Integrated Device Technology 72T18125L6-7BB Datasheet HTML 6Page - Integrated Device Technology 72T18125L6-7BB Datasheet HTML 7Page - Integrated Device Technology 72T18125L6-7BB Datasheet HTML 8Page - Integrated Device Technology 72T18125L6-7BB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T1845/55/65/75/85/95/105/115/125 2.5V TeraSync™ 18-BIT/9-BIT FIFO 2Kx18/4Kx9, 4Kx18/
8Kx9, 8Kx18/16Kx9, 16Kx18/32Kx9, 32Kx18/64Kx9, 64Kx18/128Kx9, 128Kx18/256Kx9, 256Kx18/512Kx9, 512Kx18/1Mx9
DESCRIPTION:
The IDT72T1845/72T1855/72T1865/72T1875/72T1885/72T1895/
72T18105/72T18115/72T18125 are exceptionally deep, extremely high
speed,CMOSFirst-In-First-Out(FIFO)memorieswithclockedreadandwrite
controls and a flexible Bus-Matching x18/x9 data flow. These FIFOs offer
several key user benefits:
• Flexible x18/x9 Bus-Matching on both read and write ports
• AuserselectableMARKlocationforretransmit
• User selectable I/O structure for HSTL or LVTTL
• Asynchronous/Synchronous translation on the read or write ports
• Thefirstworddatalatencyperiod,fromthetimethefirstwordiswrittentoan
empty FIFO to the time it can be read, is fixed and short.
• High density offerings up to 9 Mbit
Bus-Matching TeraSync FIFOs are particularly appropriate for network,
video,telecommunications,datacommunicationsandotherapplicationsthat
needtobufferlargeamountsofdataandmatchbussesofunequalsizes.
Each FIFO has a data input port (Dn) and a data output port (Qn), both of
whichcanassumeeithera18-bitora9-bitwidthasdeterminedbythestateof
external control pins Input Width (IW) and Output Width (OW) pin during the
MasterResetcycle.
TheinputportcanbeselectedaseitheraSynchronous(clocked)interface,
or Asynchronous interface. During Synchronous operation the input port is
controlledbyaWriteClock(WCLK)inputandaWriteEnable(WEN)input. Data
present on the Dn data inputs is written into the FIFO on every rising edge of
WCLK when WEN is asserted. During Asynchronous operation only the WR
inputisusedtowritedataintotheFIFO.DataiswrittenonarisingedgeofWR,
theWEN inputshouldbetiedtoitsactivestate,(LOW).
TheoutputportcanbeselectedaseitheraSynchronous(clocked)interface,
or Asynchronous interface. During Synchronous operation the output port is
controlledbyaReadClock(RCLK)inputandReadEnable(REN)input. Data
is read from the FIFO on every rising edge of RCLK when REN is asserted.
DuringAsynchronousoperationonlytheRDinputisusedtoreaddatafromthe
FIFO. Data is read on a rising edge of RD, the REN input should be tied to its
activestate,LOW.WhenAsynchronousoperationisselectedontheoutputport
theFIFOmustbeconfiguredforStandardIDTmode,alsotheRCSshouldbe
tiedLOWandtheOEinputusedtoprovidethree-statecontroloftheoutputs,Qn.
Theoutputportcanbeselectedforeither2.5VLVTTLorHSTLoperation,
thisoperationisselectedbythestateoftheRHSTLinputduringamasterreset.
AnOutputEnable(OE)inputisprovidedforthree-statecontroloftheoutputs.
AReadChipSelect(RCS)inputisalsoprovided,theRCSinputissynchronized
tothereadclock,andalsoprovidesthree-statecontroloftheQndataoutputs.
When RCS is disabled, the data outputs will be high impedance. During
Asynchronousoperationoftheoutputport,RCSshouldbeenabled,heldLOW.
Echo Read Enable, EREN and Echo Read Clock, ERCLK outputs are
provided. These are outputs from the read port of the FIFO that are required
forhighspeeddatacommunication,toprovidetightersynchronizationbetween
thedatabeingtransmittedfromtheQnoutputsandthedatabeingreceivedby
theinputdevice.Datareadfromthereadportisavailableontheoutputbuswith
respect to EREN and ERCLK, this is very useful when data is being read at
highspeed.TheERCLKandERENoutputsarenon-functionalwhentheRead
port is setup for Asynchronous mode.
ThefrequenciesofboththeRCLKandtheWCLKsignalsmayvaryfrom0
tofMAXwithcompleteindependence. Therearenorestrictionsonthefrequency
of the one clock input with respect to the other.
Therearetwopossibletimingmodesofoperationwiththesedevices:IDT
Standard mode and First Word Fall Through (FWFT) mode.
InIDTStandardmode,thefirstwordwrittentoanemptyFIFOwillnotappear
onthedataoutputlinesunlessaspecificreadoperationisperformed.Aread
operation,whichconsistsofactivatingRENandenablingarisingRCLKedge,
willshiftthewordfrominternalmemorytothedataoutputlines.
In FWFT mode, the first word written to an empty FIFO is clocked directly
tothedataoutputlinesafterthreetransitionsoftheRCLKsignal.ARENdoes
not have to be asserted for accessing the first word. However, subsequent
words written to the FIFO do require a LOW on REN for access. The state of
theFWFT/SIinputduringMasterResetdeterminesthetimingmodeinuse.
For applications requiring more data storage capacity than a single FIFO
canprovide,theFWFTtimingmodepermitsdepthexpansionbychainingFIFOs
inseries(i.e.thedataoutputsofoneFIFOareconnectedtothecorresponding
data inputs of the next). No external logic is required.
These FIFOs have five flag pins, EF/OR (Empty Flag or Output Ready),
FF/IR (Full Flag or Input Ready), HF (Half-full Flag), PAE (Programmable
Almost-Emptyflag)andPAF(ProgrammableAlmost-Fullflag). TheEFandFF
functions are selected in IDT Standard mode. The IR and OR functions are
selected in FWFT mode. HF, PAE and PAF are always available for use,
irrespectiveoftimingmode.
PAE and PAFcanbeprogrammedindependentlytoswitchatanypointin
memory. Programmableoffsetsdeterminetheflagswitchingthresholdandcan
beloadedbytwomethods:parallelorserial. Eightdefaultoffsetsettingsarealso
provided,sothatPAEcanbesettoswitchatapredefinednumberoflocations
from the empty boundary and the PAF threshold can also be set at similar
predefinedvaluesfromthefullboundary. Thedefaultoffsetvaluesaresetduring
Master Reset by the state of the FSEL0, FSEL1, and LD pins.
For serial programming, SEN together with LD on each rising edge of
SCLK,areusedtoloadtheoffsetregistersviatheSerialInput(SI). Forparallel
programming,WENtogetherwithLDoneachrisingedgeofWCLK,areused
to load the offset registers via Dn. REN together with LD on each rising edge
ofRCLKcanbeusedtoreadtheoffsetsinparallelfromQnregardlessofwhether
serialorparalleloffsetloadinghasbeenselected.
DuringMasterReset(MRS)thefollowingeventsoccur: thereadandwrite
pointers are set to the first location of the FIFO. The FWFT pin selects IDT
Standard mode or FWFT mode.
The Partial Reset (PRS) also sets the read and write pointers to the first
location of the memory. However, the timing mode, programmable flag
programmingmethod,anddefaultorprogrammedoffsetsettingsexistingbefore
PartialResetremainunchanged.Theflagsareupdatedaccordingtothetiming
modeandoffsetsineffect. PRSisusefulforresettingadeviceinmid-operation,
whenreprogrammingprogrammableflagswouldbeundesirable.
ItisalsopossibletoselectthetimingmodeofthePAE(ProgrammableAlmost-
Empty flag) and PAF (Programmable Almost-Full flag) outputs. The timing
modescanbesettobeeitherasynchronousorsynchronousforthe PAEand
PAFflags.
IfasynchronousPAE/PAFconfigurationisselected, the PAE isasserted
LOWontheLOW-to-HIGHtransitionofRCLK.PAEisresettoHIGHontheLOW-
to-HIGHtransitionofWCLK.Similarly,thePAFisassertedLOWontheLOW-
to-HIGH transition of WCLK and PAF is reset to HIGH on the LOW-to-HIGH
transitionofRCLK.
IfsynchronousPAE/PAFconfigurationisselected,thePAEisassertedand
updated on the rising edge of RCLK only and not WCLK. Similarly, PAF is
assertedandupdatedontherisingedgeofWCLKonlyandnotRCLK.Themode
desiredisconfiguredduringMasterResetbythestateoftheProgrammableFlag
Mode (PFM) pin.
ThisdeviceincludesaRetransmitfromMarkfeaturethatutilizestwocontrol
inputs,MARKand,RT(Retransmit).IftheMARKinputisenabledwithrespect
totheRCLK,thememorylocationbeingreadatthatpointwillbemarked.Any
subsequentretransmitoperation,RTgoesLOW,willresetthereadpointerto
this‘marked’location.


Similar Part No. - 72T18125L6-7BB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72T18125L6-7BBG RENESAS-72T18125L6-7BBG Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
72T18125L6-7BBGI RENESAS-72T18125L6-7BBGI Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
More results

Similar Description - 72T18125L6-7BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com