Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SC12008 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # E48SC12008
Description  Standard footprint
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC12008 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button E48SC12008 Datasheet HTML 3Page - Delta Electronics, Inc. E48SC12008 Datasheet HTML 4Page - Delta Electronics, Inc. E48SC12008 Datasheet HTML 5Page - Delta Electronics, Inc. E48SC12008 Datasheet HTML 6Page - Delta Electronics, Inc. E48SC12008 Datasheet HTML 7Page - Delta Electronics, Inc. E48SC12008 Datasheet HTML 8Page - Delta Electronics, Inc. E48SC12008 Datasheet HTML 9Page - Delta Electronics, Inc. E48SC12008 Datasheet HTML 10Page - Delta Electronics, Inc. E48SC12008 Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DS_E48SC12008_09142016
7
ELECTRICAL CHARACTERISTICS CURVES
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
0
1
2
3
4
5
6
7
8
9
10
11
12
OUTPUT CURRENT(A)
Figure 12: Output voltage ripple at nominal input voltage and
rated load current (Io=8A)(20mV/div,1us/div)
Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz. Scope measurements should be
made using a BNC cable (length shorter than 20 inches).
Position the load between 51 mm to 76 mm (2 inches to 3
inches) from the module
Figure 13: Output voltage vs. load current showing typical
current limit curves and converter shutdown points


Similar Part No. - E48SC12008

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12008NCFA DELTA-E48SC12008NCFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12008NCFH DELTA-E48SC12008NCFH Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12008NKFA DELTA-E48SC12008NKFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12008NKFH DELTA-E48SC12008NKFH Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12008NLFA DELTA-E48SC12008NLFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
More results

Similar Description - E48SC12008

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA DELTA-H48SA Datasheet
569Kb / 13P
   Standard footprint
Q48SQ DELTA-Q48SQ Datasheet
729Kb / 13P
   Standard footprint
E48SC3R315 DELTA-E48SC3R315 Datasheet
538Kb / 15P
   Standard footprint
DCT DELTA-DCT Datasheet
1Mb / 20P
   Standard footprint
E48SC05012 DELTA-E48SC05012 Datasheet
760Kb / 15P
   Standard footprint
DNM04SMD10 DELTA-DNM04SMD10 Datasheet
994Kb / 17P
   Standard footprint
DNL10SMD DELTA-DNL10SMD Datasheet
936Kb / 15P
   Standard footprint
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
   Industry Standard Footprint
logo
Delta Electronics, Inc.
DNT12 DELTA-DNT12 Datasheet
625Kb / 13P
   Standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com