Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SH12010NKFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # E48SH12010NKFA
Description  Industry standard pin out
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH12010NKFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  E48SH12010NKFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SH12010NKFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SH12010NKFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SH12010NKFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SH12010NKFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SH12010NKFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SH12010NKFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SH12010NKFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SH12010NKFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS_E48SH12010_08112016
4
ELECTRICAL CHARACTERISTICS CURVES
For Negative Remote On/Off Logic
Figure 5: Turn-on transient at zero load current (5 ms/div).
Vin=48V.Top Trace: Vout, 10V/div; Bottom Trace: ON/OFF
input, 5V/div
Figure 6: Turn-on transient at full rated load current (constant
current load) (5 ms/div). Vin=48V.Top Trace: Vout, 10V/div;
Bottom Trace: ON/OFF input, 5V/div
For Input Voltage Start up
Figure 7: Turn-on transient at zero load current (5 ms/div).
Vin=48V.Top Trace: Vout, 10V/div, Bottom Trace: input voltage,
50V/div
Figure 8: Turn-on transient at full rated load current (constant
current load) (5 ms/div). Vin=48V.Top Trace: Vout, 10V/div;
Bottom Trace: input voltage, 50V/div
0
0
0
0
0
0
0
0


Similar Part No. - E48SH12010NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH12010NKFA DELTA-E48SH12010NKFA Datasheet
787Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SH12010NKFA DELTA-E48SH12010NKFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
More results

Similar Description - E48SH12010NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
   Industry standard pin out
E48SC05015 DELTA-E48SC05015 Datasheet
471Kb / 15P
   Industry standard pin out
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
   Industry standard pin out
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
   Industry standard pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com