Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SR1R525NRFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # E48SR1R525NRFA
Description  High Efficiency: 91.5% @ 5.0V/12A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR1R525NRFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button E48SR1R525NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 10Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 11Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 12Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 13Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 14Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS_E48SR05012_10182013
11
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 20: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the module.
The hottest point temperature of the module is +121°C. To
enhance system reliability; the power module should always
be operated below the maximum operating temperature. If
the temperature exceeds the maximum module temperature,
reliability of the unit may be affected.
THERMAL CURVES
Figure 21: Hot spot temperature measured point.
The allowed maximum hot spot temperature is defined at 121
E48SR05012(Standard) Output Load vs. Ambient Temperature and Air Velocity
@ Vin = 48V (Transverse Orientation)
0
2
4
6
8
10
12
14
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
Figure 22: Output load vs. ambient temperature and air velocity @
Vin=48V(Transverse Orientation)


Similar Part No. - E48SR1R525NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
More results

Similar Description - E48SR1R525NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SH05020NNFA DELTA-V48SH05020NNFA Datasheet
798Kb / 14P
   High efficiency: 91.5% @ 5V/17A
logo
Micrel Semiconductor
MIC24056 MICREL-MIC24056 Datasheet
1Mb / 30P
   12V, 12A High-Efficiency Buck Regulator
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
   12V, 12A High-Efficiency Buck Regulator
logo
Monolithic Power System...
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
   High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
   High Efficiency,12A,18V, Synchronous Step-Down Converter
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
   High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com