Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ6833 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OZ6833
Description  ACPI CardBus Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OZ6833 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OZ6833 Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ6833 Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ6833 Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ6833 Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ6833 Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ6833 Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ6833 Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ6833 Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ6833 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
OZ6833
04/25/00
OZ6833-DS-1.55
Page 1
Copyright 1999 by O2Micro
All Rights Reserved
ACPI CardBus Controller
FEATURES
Single-chip CardBus host adapter
Supports 2 PCMCIA 1.0 and JEIDA 4.2 R2 cards or 2
CardBus cards
ACPI-PCI
Bus
Power
Management
Interface
Specification Rev1.0 Compliant
Supports OnNow LAN wakeup, OnNow Ring Indicate,
PCI CLKRUN#, PME#, and CardBus CCLKRUN#
Compliant with PCI specification v2.1S, 1998 PC Card
Standard 7.0
Yenta PCI to PCMCIA CardBus Bridge register
compatible
ExCA (Exchangeable Card Architecture) compatible
registers map-able in memory and I/O space
Intel 82365SL PCIC Register Compatible
Supports PCMCIA_ATA Specification
Supports 5V/3.3V PC Cards and 3.3V CardBus cards
Supports two PC Card or CardBus slots with hot
insertion and removal
Supports multiple FIFOs for PCI/CardBus data transfer
Supports Direct Memory Access for PC/PCI and
PC/Way on PC Card socket
Programmable interrupt protocol:
PCI, PCI+ISA,
PCI/Way, or PC/PCI interrupt signaling modes
Win’98 IRQ and PC-97/98 compliant
Parallel or Serial interface for socket power control
devices (TI or Micrel)
Zoomed Video Support
Integrated PC 98 – Subsystem Vendor ID support, with
auto lock bit
LED Activity Pins
ORDERING INFORMATION
OZ6833T – 208 pin TQFP
OZ6833B – 208 pin Mini-BGA
GENERAL DESCRIPTION
The OZ6833 ACPI CardBus controller provides a high
performance,
synchronous,
32-bit,
bus
master/target
interface between computers and plug in PC Cards.
CardBus is the new 32-bit interface standard of Personal
Computer
Memory
Card
International
Association,
PCMCIA.
The CardBus provides 32-bit interface with
multiplexed address and data lines.
This will allow the
addition
of
high
performance
computer
system
enhancements and new functions in a user-friendly way.
Further, the expansion capability of the CardBus will
provide benefits to the end user. CardBus is intended to
support “temporal” add-in functions on PC Cards, such as
Memory cards, Network interfaces, FAX/Modems and other
wireless communication cards, etc. The high performance
and capability of the CardBus interface will enable further
development of many new functions and applications.
The OZ6833 CardBus controller is a 33MHz PCI compliant
master/target device that attaches to the PCI bus and
manages two PC Card sockets.
The PC Card sockets
support both 3.3V / 5V versions of 8/16-bit PCMCIA R2
card or 32-bit CardBus card. R2 card support is compatible
with the Intel 82365SL PCIC controller. CardBus card
support is fully compatible with the 1998 PC Card Standard
V7.0.
The OZ6833 is a stand alone device. It does not
require an additional buffer chip for the two PC Card socket
interface.
The OZ6833 is implemented with a complex
multiple FIFO data buffer for the PCI and CardBus interface
to provide better PCI/CardBus access.
The FIFO buffers allow the bridge to accept data from a
target bus while moving data to it, facilitating deadlock
prevention. In addition, the OZ6833 is designed with
dynamic PC Card hot insertion and removal and auto
configuration capabilities.
The OZ6833 ACPI CardBus Controller provides the power
saving mixed 5V / 3.3V capability. An advance CMOS
process minimizes system power consumption. The device
also provides a power-down mode, allowing host software
to reduce power consumption further while stopping
internal clock distribution and the clocks on PC Card
sockets. The OZ6833 is not only a CardBus bridge, but
also a socket controller. The OZ6833 supports two master
devices and arbitrates the priority of each. Further, it
supports inter CardBus direct data transfer. The register set
in the OZ6833 is the superset of the OZ67xx register set,
assuring full compatibility with existing socket/card-services
software and PC-card applications. The OZ6833 provides
the most advanced design flexibility for the PC Card
interface in notebook computer design.
To enhance the performance between the PCI bus and any
CardBus card, two buffers (each composed of 16 double
words) are added on both sides going from PCI to CardBus
or the other way around. By implementing these buffers,
the OZ6833 will not refuse data from a target bus while
moving data and preventing deadlock situations.
In order to allow maximum flexibility for system designers,
the CINT# of the PC card 32-bit may be programmed to
steer to either INTA# or INTB# of the PCI bus. Further, the
interrupts may be programmed to route through the bridge
to either PCI INT lines or IRQ interrupts on the ISA bus.


Similar Part No. - OZ6833

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6812B ETC-OZ6812B Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6812T ETC-OZ6812T Datasheet
105Kb / 13P
   ACPI CardBus Controller
More results

Similar Description - OZ6833

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
OZ6912 ETC-OZ6912 Datasheet
140Kb / 14P
   Single-Slot ACPI CardBus Controller
logo
Texas Instruments
PCI1512 TI-PCI1512 Datasheet
31Kb / 3P
[Old version datasheet]   CardBus Controller
PCI1512 TI1-PCI1512_09 Datasheet
129Kb / 5P
[Old version datasheet]   CardBus Controller
logo
Fairchild Semiconductor
RC5060 FAIRCHILD-RC5060 Datasheet
136Kb / 15P
   ACPI Switch Controller
logo
Winbond
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
W83301R WINBOND-W83301R Datasheet
212Kb / 16P
   ACPI-STR Controller
W83303AD WINBOND-W83303AD Datasheet
464Kb / 19P
   Advanced ACPI Controller
logo
Fairchild Semiconductor
FAN5067 FAIRCHILD-FAN5067 Datasheet
101Kb / 14P
   ACPI Dual Switch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com