Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD80N02-001 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTD80N02-001
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD80N02-001 Datasheet(HTML) 1 Page - ON Semiconductor

  NTD80N02-001 Datasheet HTML 1Page - ON Semiconductor NTD80N02-001 Datasheet HTML 2Page - ON Semiconductor NTD80N02-001 Datasheet HTML 3Page - ON Semiconductor NTD80N02-001 Datasheet HTML 4Page - ON Semiconductor NTD80N02-001 Datasheet HTML 5Page - ON Semiconductor NTD80N02-001 Datasheet HTML 6Page - ON Semiconductor NTD80N02-001 Datasheet HTML 7Page - ON Semiconductor NTD80N02-001 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
December, 2004 − Rev. 4
1
Publication Order Number:
NTD80N02/D
NTD80N02
Power MOSFET
24 V, 80 A, N−Channel DPAK
Designed for low voltage, high speed switching applications in
power supplies, converters and power motor controls and bridge
circuits.
Features
Pb−Free Packages are Available
Typical Applications
Power Supplies
Converters
Power Motor Controls
Bridge Circuits
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
24
Vdc
Gate−to−Source Voltage − Continuous
VGS
±20
Vdc
Drain Current − Continuous @ TC = 25°C
Drain Current − Single Pulse (tp = 10 ms)
ID
IDM
80*
200
Adc
Total Power Dissipation @ TC = 25°C
PD
75
Watts
Operating and Storage
Temperature Range
TJ, Tstg
− 55 to
150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 24 Vdc, VGS = 10 Vdc,
IL = 17 Apk, L = 5.0 mH, RG = 25 Ω)
EAS
733
mJ
Thermal Resistance
− Junction−to−Case
− Junction−to−Ambient (Note 1)
− Junction−to−Ambient (Note 2)
RθJC
RθJA
RθJA
1.65
67
120
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. When surface mounted to an FR4 board using 1
″ pad size,
(Cu Area 1.127 in2).
2. When surface mounted to an FR4 board using the minimum recommended
pad size, (Cu Area 0.412 in2).
*Chip current capability limited by package.
Y
= Year
WW
= Work Week
80N02
= Device Code
3
Source
2
Drain
4
Drain
1
Gate
3
Source
2
Drain
4
Drain
1
Gate
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
CASE 369AA
DPAK
(Surface Mount)
STYLE 2
MARKING DIAGRAMS
& PIN ASSIGNMENTS
1
2
3
4
1 2
3
4
CASE 369D
DPAK
(Straight Lead)
STYLE 2
24 V
5.0 m
W
RDS(on) TYP
80 A
ID MAX
V(BR)DSS
N−Channel
D
S
G
1 2
3
4
CASE 369C
DPAK
(Surface Mount)
STYLE 2


Similar Part No. - NTD80N02-001

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD80N02-1G VBSEMI-NTD80N02-1G Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD80N02-001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com