Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA51A Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA51A
Description  POWER OPERATIONAL AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA51A Datasheet(HTML) 2 Page - Cirrus Logic

  PA51A Datasheet HTML 1Page - Cirrus Logic PA51A Datasheet HTML 2Page - Cirrus Logic PA51A Datasheet HTML 3Page - Cirrus Logic PA51A Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PA51
PA51A
PARAMETER
TEST CONDITIONS 2, 5
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
±5
±10
±2
±5
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
±10
±65
*
±40
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
±35
*
µV/V
OFFSET VOLTAGE, vs. power
T
C = 25°C
±20
*
µV/W
BIAS CURRENT, initial
T
C = 25°C
±15
±40
*
±20
nA
BIAS CURRENT, vs. temperature
Full temperature range
±.05
*
nA/°C
BIAS CURRENT, vs. supply
T
C = 25°C
±.02
*
nA/V
OFFSET CURRENT, initial
T
C = 25°C
±12
±30
±5
±10
nA
OFFSET CURRENT, vs. temperature
Full temperature range
±.05
*
nA/°C
INPUT IMPEDANCE, common mode
T
C = 25°C
250
*
INPUT IMPEDANCE, differential
T
C = 25°C
10
*
INPUT CAPACITANCE
T
C = 25°C
3
*
pF
COMMON MODE VOLTAGE RANGE3
Full temperature range
±V
S–6
±V
S–3
*
*
V
COMMON MODE REJECTION, DC3
T
C = 25°C, VCM = ±VS –6V
70
110
80
*
dB
GAIN
OPEN LOOP GAIN at 10Hz
Full temp. range, full load
94
115
*
*
dB
GAIN BANDWIDTH PRODUCT @ 1MHz T
C = 25°C, full load
1
*
MHz
POWER BANDWIDTH
T
C = 25°C, IO = 8A, VO = 40VPP
10
16
*
*
kHz
PHASE MARGIN
Full temperature range
45
*
°
OUTPUT
VOLTAGE SWING3
T
C = 25°C, IO = 10A
±V
S–8
±V
S–5
*
*
V
VOLTAGE SWING3
Full temp. range, I
O = 4A
±V
S–6
±V
S–4
*
*
V
VOLTAGE SWING3
Full temp. range, I
O = 68mA
±V
S–6
*
V
CURRENT
T
C = 25°C
±10
*
A
SETTLING TIME to .1%
T
C = 25°C, 2V step
2
*
µs
SLEW RATE
T
C = 25°C, RL = 6Ω
1.0
2.6
*
*
V/µs
CAPACITIVE LOAD, unity gain
Full temperature range
1.5
*
nF
CAPACITIVE LOAD, gain > 4
Full temperature range
SOA
*
POWER SUPPLY
VOLTAGE
Full temperature range
±10
±28
±36
*
±34
±40
V
CURRENT, quiescent
T
C = 25°C
2.6
10
*
*
mA
THERMAL
RESISTANCE, AC, junction to case4
F > 60Hz
1.0
1.2
*
*
°C/W
RESISTANCE, DC, junction to case
F < 60Hz
1.5
1.8
*
*
°C/W
RESISTANCE, junction to air
30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
–55
+125
°C
PA51 • PA51A
SUPPLY VOLTAGE, +V
S to –VS
80V
OUTPUT CURRENT, within SOA
10A
POWER DISSIPATION, internal
97W
INPUT VOLTAGE, differential
±V
S –3V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, junction1
200°C
TEMPERATURE, pin solder -10s
300°C
TEMPERATURE RANGE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION
NOTES: *
The specification of PA51A is identical to the specification for PA51 in applicable column to the left.
1. Lo
achieve high MTTF.
2. The power supply voltage specified under the TYP rating applies unless otherwise noted as a test condition.
3. +V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
5. Full temperature range specifications are guaranteed but not 100% tested.


Similar Part No. - PA51A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA51A CIRRUS-PA51A Datasheet
336Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
PA51A CIRRUS-PA51A Datasheet
200Kb / 5P
   Power Operational Amplifier
More results

Similar Description - PA51A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
   POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
   Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
   Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
   Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
   Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
   Power Operational Amplifiers
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
PA03 CIRRUS-PA03 Datasheet
207Kb / 5P
   Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com