Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS882 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS882
Description  Rail-to-rail 1.1 V dual and quad nanopower comparators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS882 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS882 Datasheet HTML 6Page - STMicroelectronics TS882 Datasheet HTML 7Page - STMicroelectronics TS882 Datasheet HTML 8Page - STMicroelectronics TS882 Datasheet HTML 9Page - STMicroelectronics TS882 Datasheet HTML 10Page - STMicroelectronics TS882 Datasheet HTML 11Page - STMicroelectronics TS882 Datasheet HTML 12Page - STMicroelectronics TS882 Datasheet HTML 13Page - STMicroelectronics TS882 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical characteristics
TS882, TS884
10/26
DocID024119 Rev 3
Figure 3. Current consumption per operator vs.
supply voltage - output low
Figure 4.
Current consumption per operator
vs. supply voltage - output high
Figure 5.
Current consumption per operator
vs. input common mode voltage at
VCC = 1.2 V
Figure 6.
Current consumption per operator
vs. input common mode voltage at
VCC = 5 V
Figure 7.
Current consumption per operator
vs. temperature
Figure 8.
Current consumption per operator
vs. toggle frequency


Similar Part No. - TS882

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
   Rail-to-rail 1.1 V nanopower comparator
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
5Mb / 6P
   Training kit for operational amplifiers and comparators
01-Mar-2022 Revision1
TS883IST STMICROELECTRONICS-TS883IST Datasheet
1Mb / 5P
   Wireless motion detector based on Bluetooth® Low Energy and PIR sensor
11-Apr-2022 Revision1
More results

Similar Description - TS882

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
   Rail-to-rail 1.1 V nanopower comparator
logo
Texas Instruments
LM393LV TI-LM393LV_V01 Datasheet
2Mb / 42P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
LM393LV TI-LM393LV Datasheet
2Mb / 39P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V02 Datasheet
2Mb / 43P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LMV7271 TI1-LMV7271_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
logo
STMicroelectronics
TSU101 STMICROELECTRONICS-TSU101 Datasheet
1Mb / 33P
   Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com