Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS884IPT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS884IPT
Description  Rail-to-rail 1.1 V dual and quad nanopower comparators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS884IPT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS884IPT Datasheet HTML 4Page - STMicroelectronics TS884IPT Datasheet HTML 5Page - STMicroelectronics TS884IPT Datasheet HTML 6Page - STMicroelectronics TS884IPT Datasheet HTML 7Page - STMicroelectronics TS884IPT Datasheet HTML 8Page - STMicroelectronics TS884IPT Datasheet HTML 9Page - STMicroelectronics TS884IPT Datasheet HTML 10Page - STMicroelectronics TS884IPT Datasheet HTML 11Page - STMicroelectronics TS884IPT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical characteristics
TS882, TS884
8/26
DocID024119 Rev 3
Table 6. VCC = +5 V, Tamb = +25 °C, VICM = VCC/2 (unless otherwise specified)
(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage(2)
Tamb = +25 °C
-40 °C < Tamb < +125 °C
-6
1
6
mV
∆V
IO
Input offset voltage drift
-40 °C < Tamb < +125 °C
3
µV/°C
VHYST
Input hysteresis voltage(3)
Tamb = +25 °C
-40 °C < Tamb < +125 °C
1.6
3.1
4.2
mV
IIO
Input offset current(4)
Tamb = +25 °C
-40 °C < Tamb < +125 °C
10
100
pA
IIB
Input bias current(4)
Tamb = +25 °C
-40 °C < Tamb < +125 °C
1
10
100
pA
ICC
Supply current per operator
No load, output low, VID = -0.1 V
-40 °C < Tamb < +125 °C
No load, output high, VID = +0.1 V
-40 °C < Tamb < +125 °C
350
250
500
400
nA
ISC
Short-circuit current
Source
Sink
32
32
mA
VOH
Output voltage high
Isource = 2 mA
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
4.86
4.75
4.60
4.88
V
VOL
Output voltage low
Isink = 2 mA
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
90
130
170
280
mV
CMRR
Common mode rejection ratio
0 < VICM < VCC
-40 °C < Tamb < +125 °C
55
78
dB
SVR
Supply voltage rejection
∆V
CC = 1.2 V to 5 V
-40 °C < Tamb < +125 °C
65
80
dB
TPLH
Propagation delay
(low to high)
f = 1 kHz, CL = 30 pF, RL = 1 MΩ
Overdrive = 10 mV
-40 °C < Tamb < +125 °C
Overdrive = 100 mV
-40 °C < Tamb < +125 °C
8.3
2.5
13
22
3.4
4.1
µs
TPHL
Propagation delay
(high to low)
f = 1 kHz, CL = 30 pF, RL = 1 MΩ
Overdrive = 10 mV
-40 °C < Tamb < +125 °C
Overdrive = 100 mV
-40 °C < Tamb < +125 °C
9.0
2.6
16
19
3.5
4.2
µs
TR
Rise time (10% to 90%)
CL = 30 pF, RL = 1 MΩ
160
ns


Similar Part No. - TS884IPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
   Rail-to-rail 1.1 V nanopower comparator
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
5Mb / 6P
   Training kit for operational amplifiers and comparators
01-Mar-2022 Revision1
TS883IST STMICROELECTRONICS-TS883IST Datasheet
1Mb / 5P
   Wireless motion detector based on Bluetooth® Low Energy and PIR sensor
11-Apr-2022 Revision1
More results

Similar Description - TS884IPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
   Rail-to-rail 1.1 V nanopower comparator
logo
Texas Instruments
LM393LV TI-LM393LV_V01 Datasheet
2Mb / 42P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
LM393LV TI-LM393LV Datasheet
2Mb / 39P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V02 Datasheet
2Mb / 43P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LMV7271 TI1-LMV7271_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
logo
STMicroelectronics
TSU101 STMICROELECTRONICS-TSU101 Datasheet
1Mb / 33P
   Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com