Electronic Components Datasheet Search |
|
XLY726 Datasheet(PDF) 1 Page - Integrated Device Technology |
|
XLY726 Datasheet(HTML) 1 Page - Integrated Device Technology |
1 / 12 page DATASHEET XUQ JUNE 20, 2017 1 ©2017 Integrated Device Technology, Inc. IDT XO LVPECL Crystal Oscillator XUQ Description The XUQ is an Ultra Precision LVPECL crystal oscillator with 300fs typical phase jitter over 12kHz to 20MHz bandwidth. Available in a wide frequency range from 16kHz to 670MHz, the IDT XUQ series crystal oscillator utilizes a family of proprietary ASICs, with a key focus on noise reduction technologies. The 4th order Delta Sigma Modulator reduces noise to the levels that are comparable to traditional bulk Quartz and SAW oscillators. With short lead-time, low cost, low noise, wide frequency range, excellent ambient performance, the XUQ is an excellent choice over the conventional technologies. The XUQ has stabilities as tight as ±20ppm with extremely quick delivery for both standard and custom frequencies. Features • Frequency range: 0.016 to 670MHz • Output type: LVPECL • Frequency stability: ±20ppm, ±25ppm, ±50ppm, or ±100ppm • Supply voltage: 1.8V, 2.5V, or 3.3V • Phase jitter (1.875MHz to 20MHz): 100fs typical • Phase jitter (12kHz to 20MHz): 300fs typical • Package options: 5.0mm x 3.2mm x 1.2mm (JS6) 7.0mm x 5.0mm x 1.3mm (JU6) • Operating temperatures: -20°C to +70°C or -40°C to +85°C Pin Assignment Pin Descriptions 1. Pulled high internally. Pin Number Pin Name Description 1 NC No connect 2 E/D Enable/Disable1 (0=Output Disabled) 3 GND Connect to ground 4 OUT Output 5 OUT2 Complementary output 6 VDD Supply Voltage 12 3 4 5 6 6-pin CLCC |
Similar Description - XLY726 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |