Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T496D227M004ATE500 Datasheet(PDF) 8 Page - Kemet Corporation

Part # T496D227M004ATE500
Description  Tantalum Surface Mount Capacitors ??Fused
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T496D227M004ATE500 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T496D227M004ATE500 Datasheet HTML 4Page - Kemet Corporation T496D227M004ATE500 Datasheet HTML 5Page - Kemet Corporation T496D227M004ATE500 Datasheet HTML 6Page - Kemet Corporation T496D227M004ATE500 Datasheet HTML 7Page - Kemet Corporation T496D227M004ATE500 Datasheet HTML 8Page - Kemet Corporation T496D227M004ATE500 Datasheet HTML 9Page - Kemet Corporation T496D227M004ATE500 Datasheet HTML 10Page - Kemet Corporation T496D227M004ATE500 Datasheet HTML 11Page - Kemet Corporation T496D227M004ATE500 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2010_T496 • 9/22/2016
88
Tantalum Surface Mount Capacitors – Fused
T496 Series Fused MnO
2
Table 1 – Ratings & Part Number Reference cont'd
1) To complete KEMET part number, insert M for ± 20% or K for ± 10%. Designates Capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates Termination
Finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will
be marked with the higher voltage rating. Substitutions can include better than series.
Rated
Voltage
Rated
Cap
Case
Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA at +20ºC
Max/5 Min
% at +20ºC
120 Hz % Max
mΩ at +20ºC
100 kHz Max
mA
at +25ºC
100 kHz
mA
at +85ºC
100 kHz
mA
at +125ºC
100 kHz
ºC
Reflow Temp
≤ 260ºC
35
1
B/3528-21
T496B105(1)035A(2)E5K0
0.4
4.0
5000
130
117
52
125
1
35
1
B/3528-21
T496B105(1)035A(2)E3K1
0.4
4.0
3100
166
149
66
125
1
35
1.5
C/6032-28
T496C155(1)035A(2)E4K5
0.5
6.0
4500
156
140
62
125
1
35
1.5
C/6032-28
T496C155(1)035A(2)E2K6
0.5
6.0
2600
206
185
82
125
1
35
2.2
C/6032-28
T496C225(1)035A(2)E3K5
0.8
6.0
3500
177
159
71
125
1
35
2.2
C/6032-28
T496C225(1)035A(2)E1K6
0.8
6.0
1600
262
236
105
125
1
35
3.3
C/6032-28
T496C335(1)035A(2)E2K5
1.2
6.0
2500
210
189
84
125
1
35
3.3
C/6032-28
T496C335(1)035A(2)E900
1.2
6.0
900
350
315
140
125
1
35
4.7
D/7343-31
T496D475(1)035A(2)E1K5
1.6
6.0
1500
316
284
126
125
1
35
4.7
D/7343-31
T496D475(1)035A(2)E700
1.6
6.0
700
463
417
185
125
1
35
6.8
D/7343-31
T496D685(1)035A(2)E1K3
2.4
6.0
1300
340
306
136
125
1
35
6.8
D/7343-31
T496D685(1)035A(2)E750
2.4
6.0
750
447
402
179
125
1
35
10
X/7343-43
T496X106(1)035A(2)E1K0
3.5
6.0
1000
406
365
162
125
1
35
10
X/7343-43
T496X106(1)035A(2)E500
3.5
6.0
500
574
517
230
125
1
35
10
D/7343-31
T496D106(1)035A(2)E400
3.5
6.0
400
612
551
245
125
1
35
15
X/7343-43
T496X156(1)035A(2)E900
5.3
6.0
900
428
385
171
125
1
35
15
X/7343-43
T496X156(1)035A(2)E500
5.3
6.0
500
574
517
230
125
1
35
15
D/7343-31
T496D156(1)035A(2)E500
5.3
6.0
500
548
493
219
125
1
35
22
X/7343-43
T496X226(1)035A(2)E300
7.7
6.0
300
742
668
297
125
1
50
0.15
B/3528-21
T496B154(1)050A(2)E16K
0.1
4.0
16000
73
66
29
125
1
50
0.22
B/3528-21
T496B224(1)050A(2)E14K
0.1
4.0
14000
78
70
31
125
1
50
0.22
B/3528-21
T496B224(1)050A(2)E10K
0.1
4.0
10000
92
83
37
125
1
50
0.33
B/3528-21
T496B334(1)050A(2)E10K
0.2
4.0
10000
92
83
37
125
1
50
0.33
B/3528-21
T496B334(1)050A(2)E2K6
0.2
4.0
2600
181
163
72
125
1
50
0.47
C/6032-28
T496C474(1)050A(2)E8K0
0.2
4.0
8000
117
105
47
125
1
50
0.47
C/6032-28
T496C474(1)050A(2)E1K9
0.2
4.0
1900
241
217
96
125
1
50
0.68
C/6032-28
T496C684(1)050A(2)E7K0
0.3
4.0
7000
125
113
50
125
1
50
0.68
C/6032-28
T496C684(1)050A(2)E1K7
0.3
4.0
1700
254
229
102
125
1
50
1
C/6032-28
T496C105(1)050A(2)E5K5
0.5
4.0
5500
141
127
56
125
1
50
1
C/6032-28
T496C105(1)050A(2)E2K7
0.5
4.0
2700
202
182
81
125
1
50
1.5
C/6032-28
T496C155(1)050A(2)E5K0
0.8
6.0
5000
148
133
59
125
1
50
1.5
C/6032-28
T496C155(1)050A(2)E2K0
0.8
6.0
2000
235
212
94
125
1
50
2.2
D/7343-31
T496D225(1)050A(2)E2K5
1.1
6.0
2500
245
221
98
125
1
50
2.2
D/7343-31
T496D225(1)050A(2)E900
1.1
6.0
900
408
367
163
125
1
50
3.3
D/7343-31
T496D335(1)050A(2)E2K0
1.7
6.0
2000
274
247
110
125
1
50
3.3
D/7343-31
T496D335(1)050A(2)E1K0
1.7
6.0
1000
387
348
155
125
1
50
4.7
X/7343-43
T496X475(1)050A(2)E1K5
2.4
6.0
1500
332
299
133
125
1
50
4.7
X/7343-43
T496X475(1)050A(2)E400
2.4
6.0
400
642
578
257
125
1
50
4.7
D/7343-31
T496D475(1)050A(2)E400
2.4
6.0
400
612
551
245
125
1
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA at +20ºC
Max/5 Min
% at +20ºC
120 Hz % Max
mΩ at +20ºC
100 kHz Max
mA
at +25ºC
100 kHz
mA
at +85ºC
100 kHz
mA
at +125ºC
100 kHz
ºC
Reflow Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL


Similar Part No. - T496D227M004ATE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496D227M004AH4095 KEMET-T496D227M004AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
More results

Similar Description - T496D227M004ATE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496C106M016ATE2K0 KEMET-T496C106M016ATE2K0 Datasheet
2Mb / 19P
   Tantalum Surface Mount Capacitors ??Fused T496 Series Fused MnO2
T496C686M004AH4095 KEMET-T496C686M004AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAWD476K010R0500 AVX-TAWD476K010R0500 Datasheet
111Kb / 2P
   Tantalum Solid Electrolytic Fused Capacitors
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com