Electronic Components Datasheet Search |
|
T496C227K010ATE500 Datasheet(PDF) 7 Page - Kemet Corporation |
|
T496C227K010ATE500 Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 18 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2010_T496 • 9/22/2016 77 Tantalum Surface Mount Capacitors – Fused T496 Series Fused MnO 2 Table 1 – Ratings & Part Number Reference cont'd 1) To complete KEMET part number, insert M for ± 20% or K for ± 10%. Designates Capacitance tolerance. (2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates Termination Finish. Refer to Ordering Information for additional detail. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked with the higher voltage rating. Substitutions can include better than series. Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL VDC at 85ºC µF KEMET/EIA (See below for part options) µA at +20ºC Max/5 Min % at +20ºC 120 Hz % Max mΩ at +20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC 16 100 X/7343-43 T496X107(1)016A(2)E700 16.0 8.0 700 486 437 194 125 1 20 1.5 B/3528-21 T496B155(1)020A(2)E5K0 0.3 6.0 5000 130 117 52 125 1 20 2.2 B/3528-21 T496B225(1)020A(2)E3K5 0.4 6.0 3500 156 140 62 125 1 20 2.2 B/3528-21 T496B225(1)020A(2)E1K6 0.4 6.0 1600 230 207 92 125 1 20 3.3 B/3528-21 T496B335(1)020A(2)E3K5 0.7 6.0 3500 156 140 62 125 1 20 4.7 C/6032-28 T496C475(1)020A(2)E2K0 0.9 6.0 2000 235 212 94 125 1 20 6.8 C/6032-28 T496C685(1)020A(2)E2K0 1.4 6.0 2000 235 212 94 125 1 20 6.8 C/6032-28 T496C685(1)020A(2)E600 1.4 6.0 600 428 385 171 125 1 20 10 C/6032-28 T496C106(1)020A(2)E2K0 2.0 6.0 2000 235 212 94 125 1 20 10 C/6032-28 T496C106(1)020A(2)E800 2.0 6.0 800 371 334 148 125 1 20 15 D/7343-31 T496D156(1)020A(2)E1K0 3.0 6.0 1000 387 348 155 125 1 20 15 D/7343-31 T496D156(1)020A(2)E500 3.0 6.0 500 548 493 219 125 1 20 15 C/6032-28 T496C156(1)020A(2)E500 3.0 6.0 500 469 422 188 125 1 20 22 D/7343-31 T496D226(1)020A(2)E1K0 4.4 6.0 1000 387 348 155 125 1 20 22 D/7343-31 T496D226(1)020A(2)E500 4.4 6.0 500 548 493 219 125 1 20 33 X/7343-43 T496X336(1)020A(2)E900 6.6 6.0 900 428 385 171 125 1 20 33 X/7343-43 T496X336(1)020A(2)E400 6.6 6.0 400 642 578 257 125 1 20 33 D/7343-31 T496D336(1)020A(2)E400 6.6 6.0 400 612 551 245 125 1 20 47 X/7343-43 T496X476(1)020A(2)E300 9.4 6.0 300 742 668 297 125 1 20 47 D/7343-31 T496D476(1)020A(2)E300 9.4 6.0 300 707 636 283 125 1 25 0.68 B/3528-21 T496B684(1)025A(2)E6K5 0.2 4.0 6500 114 103 46 125 1 25 1 B/3528-21 T496B105(1)025A(2)E5K0 0.3 4.0 5000 130 117 52 125 1 25 1 B/3528-21 T496B105(1)025A(2)E3K5 0.3 4.0 3500 156 140 62 125 1 25 1.5 B/3528-21 T496B155(1)025A(2)E5K0 0.4 6.0 5000 130 117 52 125 1 25 1.5 B/3528-21 T496B155(1)025A(2)E1K6 0.4 6.0 1600 230 207 92 125 1 25 2.2 C/6032-28 T496C225(1)025A(2)E3K5 0.6 6.0 3500 177 159 71 125 1 25 3.3 C/6032-28 T496C335(1)025A(2)E2K5 0.8 6.0 2500 210 189 84 125 1 25 3.3 C/6032-28 T496C335(1)025A(2)E2K1 0.8 6.0 2100 229 206 92 125 1 25 4.7 B/3528-21 T496B475(1)025A(2)E4K0 1.2 6.0 4000 146 131 58 125 1 25 4.7 C/6032-28 T496C475(1)025A(2)E2K5 1.2 6.0 2500 210 189 84 125 1 25 4.7 C/6032-28 T496C475(1)025A(2)E1K3 1.2 6.0 1300 291 262 116 125 1 25 6.8 C/6032-28 T496C685(1)025A(2)E2K0 1.7 6.0 2000 235 212 94 125 1 25 6.8 C/6032-28 T496C685(1)025A(2)E600 1.7 6.0 600 428 385 171 125 1 25 10 C/6032-28 T496C106(1)025A(2)E600 2.5 6.0 600 428 385 171 125 1 25 10 D/7343-31 T496D106(1)025A(2)E1K2 2.5 6.0 1200 354 319 142 125 1 25 10 D/7343-31 T496D106(1)025A(2)E600 2.5 6.0 600 500 450 200 125 1 25 15 C/6032-28 T496C156(1)025A(2)E750 3.8 6.0 750 383 345 153 125 1 25 15 D/7343-31 T496D156(1)025A(2)E1K0 3.8 6.0 1000 387 348 155 125 1 25 15 D/7343-31 T496D156(1)025A(2)E500 3.8 6.0 500 548 493 219 125 1 25 22 X/7343-43 T496X226(1)025A(2)E900 5.5 6.0 900 428 385 171 125 1 25 22 X/7343-43 T496X226(1)025A(2)E400 5.5 6.0 400 642 578 257 125 1 25 22 D/7343-31 T496D226(1)025A(2)E800 5.5 6.0 800 433 390 173 125 1 25 22 D/7343-31 T496D226(1)025A(2)E400 5.5 6.0 400 612 551 245 125 1 35 0.47 B/3528-21 T496B474(1)035A(2)E8K0 0.2 4.0 8000 103 93 41 125 1 35 0.47 B/3528-21 T496B474(1)035A(2)E2K6 0.2 4.0 2600 181 163 72 125 1 35 0.68 B/3528-21 T496B684(1)035A(2)E6K5 0.2 4.0 6500 114 103 46 125 1 VDC at 85ºC µF KEMET/EIA (See below for part options) µA at +20ºC Max/5 Min % at +20ºC 120 Hz % Max mΩ at +20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL |
Similar Part No. - T496C227K010ATE500 |
|
Similar Description - T496C227K010ATE500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |