Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T496C227K020ATE500 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T496C227K020ATE500
Description  Tantalum Surface Mount Capacitors ??Fused
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T496C227K020ATE500 Datasheet(HTML) 1 Page - Kemet Corporation

  T496C227K020ATE500 Datasheet HTML 1Page - Kemet Corporation T496C227K020ATE500 Datasheet HTML 2Page - Kemet Corporation T496C227K020ATE500 Datasheet HTML 3Page - Kemet Corporation T496C227K020ATE500 Datasheet HTML 4Page - Kemet Corporation T496C227K020ATE500 Datasheet HTML 5Page - Kemet Corporation T496C227K020ATE500 Datasheet HTML 6Page - Kemet Corporation T496C227K020ATE500 Datasheet HTML 7Page - Kemet Corporation T496C227K020ATE500 Datasheet HTML 8Page - Kemet Corporation T496C227K020ATE500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2010_T496 • 9/22/2016
1
One world. One KEMET
Benefits
• Meets or exceeds EIA Standard 535BAAC
• Patented fuse assembly
• Optional gold-plated terminations
• Built-in fuse protects against short circuit mode
• 100% surge current test on C, D, and X sizes
• Halogen-free epoxy
• Capacitancevaluesof0.15μFto330μF
• Tolerances of ±10% and ±20%
• Voltage rating of 4 – 50 VDC
• Fuseactivation,25°C:within1secondatfaultcurrents
of 4 amps and higher
• Continuouscurrentcapability:0.75amps
• Postactuationresistance,25°C:10MΩ,minimum
• Test tabs on side of case bypass the capacitor element to
allow direct testing of the fuse assembly
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof−55°Cto+125°C
Overview
The T496 Series of tantalum chip capacitors offers a "fail
safe" design. The built-in fuse element offers excellent
protection from damaging short circuit conditions in
applications where damaging high fault currents exist.
Protection from costly circuit damage due to reversed
installation is offered with this device. This series is
classifiedasMSL(MoistureSensitivityLevel)1underJSTD
020:unlimitedfloorlifetimeat≤30°C/85%RH.
TantalumSurfaceMountCapacitors–Fused
T496 Series Fused MnO
2
Applications
Typicalapplicationsincludedecouplingandfilteringincomputingandtelecommunicationsendapplications,suchashigh-
end servers requiring built-in fuse capability.
Environmental Compliance
RoHSCompliant(6/6)accordingtoDirective2002/95/ECwhenorderedwith100%Snsolder.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - T496C227K020ATE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496C227K020CC611A KEMET-T496C227K020CC611A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T496C227K020CC611B KEMET-T496C227K020CC611B Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T496C227K020CC611C KEMET-T496C227K020CC611C Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T496C227K020CC612A KEMET-T496C227K020CC612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T496C227K020CC621A KEMET-T496C227K020CC621A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
More results

Similar Description - T496C227K020ATE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496C106M016ATE2K0 KEMET-T496C106M016ATE2K0 Datasheet
2Mb / 19P
   Tantalum Surface Mount Capacitors ??Fused T496 Series Fused MnO2
T496C686M004AH4095 KEMET-T496C686M004AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAWD476K010R0500 AVX-TAWD476K010R0500 Datasheet
111Kb / 2P
   Tantalum Solid Electrolytic Fused Capacitors
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com