Electronic Components Datasheet Search |
|
VC2220L601R020 Datasheet(PDF) 5 Page - Kemet Corporation |
|
VC2220L601R020 Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 15 page 5 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com V0002_VC • 10/26/2016 Surface Mount Varistors VC Series Low Voltage 125°C Reliability In general, reliability is the ability of a component to perform and maintain its functions in routine circumstances, as well as hostile or unexpected circumstances. The mean life of series components is a function of: • Factor of Applied Voltage • Ambient temperature Mean life is closely related to Failure rate (formula). Mean life (ML) is the arithmetic mean (average) time to failure of a component. Failure rate is the frequency with which an engineered system or component fails, expressed for example in failures per hour. Failure rate is usually time dependent, an intuitive corollary is that the rate changes over time versus the expected life cycle of a system. Failure rate formula – calculation Λ= 109 [fit] ML[h] FAV – Factor of Applied Voltage Λ= Vapl V max Vapl = applied voltage V max = maximum operating voltage Years Mean Life on Arrhenius model 1,000 100 10 103 104 105 106 107 108 1 h 120 100 80 60 40 20 °C Ta FAV 0,7 0,8 0,9 1,0 |
Similar Part No. - VC2220L601R020 |
|
Similar Description - VC2220L601R020 |