Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4852 Datasheet(PDF) 6 Page - Texas Instruments

Part # PT4852
Description  25-A Triple Output Isolated DC/DC Converter For Logic Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4852 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT4852 Datasheet HTML 2Page - Texas Instruments PT4852 Datasheet HTML 3Page - Texas Instruments PT4852 Datasheet HTML 4Page - Texas Instruments PT4852 Datasheet HTML 5Page - Texas Instruments PT4852 Datasheet HTML 6Page - Texas Instruments PT4852 Datasheet HTML 7Page - Texas Instruments PT4852 Datasheet HTML 8Page - Texas Instruments PT4852 Datasheet HTML 9Page - Texas Instruments PT4852 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4850 Series
25-A Triple Output Isolated DC/DC
Converter For Logic Applications
Efficiency vs Output Load
PT4855 Performance Characteristics
(See Note A)
(Io1 =10A, Io2 =7.5A, Io3 =7.5A represents 100% Load)
Typical Characteristics
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which the internal components are at or below the manufacturer’s maximum rated operating temperatures.
Power Dissipation vs Output Load
PT4855 Safe operating Area Curves (See Note B)
(Io1 + Io2 + Io3 =25A, represents 100% load)
SOA vs Output Power @Vin =48V
20
30
40
50
60
70
80
90
0
20
406080
100
Output Load (%)
500LFM
400LFM
300LFM
200LFM
100LFM
Nat conv
Airflow
0
4
8
12
16
0
204060
80
100
Output Load (%)
75V
48V
36V
VIN
SLTS166C - FEBRUARY 2002 - REVISED MARCH 2003
50
60
70
80
90
0
20406080
100
Output Load (%)
36V
48V
75V
VIN


Similar Part No. - PT4852

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT4850F SHARP-PT4850F Datasheet
78Kb / 6P
   Thin Type Phototransistor
More results

Similar Description - PT4852

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4820 TI-PT4820 Datasheet
764Kb / 32P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter for Logic Applications
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
logo
Artesyn Technologies
SIL25C ARTESYN-SIL25C Datasheet
705Kb / 11P
   Single negative output 25 A DC-DC Converter C Class Non-Isolated
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4660 TI1-PT4660 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661 TI-PT4661 Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
Bothhand USA, LP.
B8-1212T10 BOTHHAND-B8-1212T10 Datasheet
243Kb / 2P
   10 to 15 Watt Isolated DC-DC Converter Triple Output
logo
STMicroelectronics
GS5T24-5D15 STMICROELECTRONICS-GS5T24-5D15 Datasheet
41Kb / 2P
   5W TRIPLE OUTPUT DC-DC CONVERTER
logo
Texas Instruments
PT4827A TI-PT4827A Datasheet
766Kb / 34P
[Old version datasheet]   35-W Triple Output Isolated DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com