Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

650000 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 650000
Description  A cost-effective means of upgrading to SOJ or SOIC without changing your PCB layout
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

650000 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  650000 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• A cost-effective means of upgrading to SOJ or SOIC without changing your PCB
layout.
• Available on 0.400 [10.16] and 0.600 [15.24] centers. Consult
Data Sheet 18010
for Adapters on 0.300 [7.62] centers.
GENERAL SPECIFICATIONS
• BOARD MATERIAL: 0.062 [1.58] thick FR-4 or IS410 per IPC 4101A/26 with
1-oz. Cu traces, both sides
• PADS: finished with HASL
• PINS: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M
• PIN PLATING: Sn/Pb
• OPERATING TEMPERATURE: 221°F [105°C]
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.028 ±0.002 [0.71 ±0.05] dia.
18011
Rev. AB
Series 450001 and 650000
SOIC and SOJ-to-DIP Adapter
P/N
Pins
Type
Dim. “B”
Centers “C”
Dim. “E”
Dim. “F”
Dim. “G”
Dim. “H”
28-450001-10
28
SOJ
0.480 [12.19]
0.400 [10.16]
0.460 [11.68]
0.080 [2.03]
0.650 [16.51]
0.325 [8.26]
32-450001-10
32
SOJ
0.530 [13.46]
0.400 [10.16]
0.500 [12.70]
0.090 [2.29]
0.750 [19.05]
0.425 [10.80]
32-650000-10
32
SOJ
0.700 [17.78]
0.600 [15.24]
0.650 [16.51]
0.200 [5.08]
0.750 [19.05]
0.425 [10.80]
24-650000-10
24
SOIC
0.700 [17.78]
0.600 [15.24]
0.455 [11.56]
0.150 [3.81]
0.550 [13.97]
0.180 [4.57]
28-650000-10
28
SOIC
0.700 [17.78]
0.600 [15.24]
0.450 [11.43]
0.075 [1.91]
0.650 [16.51]
0.375 [9.53]
ORDERING INFORMATION
(See Table below)
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
“A” = NO. OF PINS PER ROW X 0.100 [2.54]
“D” = (NO. OF PINS PER ROW - 1) X 0.100 [2.54]
AVAILABLE IN PANELIZED FORM WITH OR WITHOUT CUSTOMER-
SUPPLIED DEVICES MOUNTED. CONSULT FACTORY.
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS


Similar Part No. - 650000

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
65000554 KISTLER-65000554 Datasheet
573Kb / 5P
   Longitudinal Measuring Pin M5 for contactfree measurement of cavity and injection pressures
More results

Similar Description - 650000

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
MC145158-2 ARIES-MC145158-2 Datasheet
723Kb / 1P
   A cost-effective means of upgrading to SOJ or SOIC without changing your PCB layout
350000 ARIES-350000 Datasheet
503Kb / 1P
   A cost-effective means of upgrading to SOJ or SOIC without changing your PCB layout
35W000 ARIES-35W000 Datasheet
502Kb / 1P
   A cost-effective means of upgrading to SOIC without changing your PCB layout
350000-10-HT ARIES-350000-10-HT Datasheet
613Kb / 1P
   A cost-effective means of upgrading to SOIC without changing your PCB layout
350000-11-RC ARIES-350000-11-RC Datasheet
562Kb / 1P
   A cost-effective means of upgrading to SOIC without changing your PCB layout
1111841-X ARIES-1111841-X Datasheet
515Kb / 1P
   A cost-effective means of upgrading to MSOP 0.5mm package SOIC without changing your PCB layout
MM58274CV ARIES-MM58274CV Datasheet
730Kb / 1P
   A cost-effective means of upgrading to a PLCC package type Clock Chip without changing your PCB layout
354000 ARIES-354000 Datasheet
564Kb / 1P
   Convenient, cost-effective means of converting DIP-to-SOIC PC board layouts
08-354000-11-RC ARIES-08-354000-11-RC Datasheet
451Kb / 1P
   SOIC and SOJ-to-DIP Adapter
08-350000-10-P ARIES-08-350000-10-P Datasheet
451Kb / 1P
   SOIC and SOJ-to-DIP Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com