Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-BM50 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SM-BM50
Description  50OHM DC to 2 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SM-BM50 Datasheet(HTML) 1 Page - Mini-Circuits

  SM-BM50 Datasheet HTML 1Page - Mini-Circuits SM-BM50 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coaxial
Adapters
BNC/SMA
NEW!
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
50
Ω DC to 2 GHz
Features
• flat response
• excellent VSWR, 1.10: typ.
• low cost adapters, available from stock
Applications
• interconnection of RF cables and equipment
• testing
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Outline Drawing
Outline Dimensions (
)
inch
mm
REV. OR
M90396
SM-BM50
ED-11362/5
SF-BM50
ED-11362/3
SF-BF50
ED-11362/6
SM-BF50
ED-11362/4
ADAPTERS_BNC_SMA
RS/TD/CP
031230
PAGE 1 OF 2
Case No.
A
B
D
wt. grams
DJ1022
.312
.57
1.25
15.0
7.92
14.50
31.75
DJ1023
.57
1.11
13.3
14.50
28.19
DJ1024
.312
.53
1.10
8.6
7.92
13.49
27.94
DJ1025
.53
.97
6.9
13.49
24.64
Electrical Specifications T
AMB=25°C
CONNECTOR
TYPE
MODEL
NO.
FREQUENCY
(GHz)
f
L-fU
VSWR (:1)
Max.
CONN 1
CONN 2
DC-2
GHz
PRICE
$
Qty.
(1-49)
CASE
STYLE
SF-BM50
SMA-FEMALE
BNC-MALE
DC-2
1.20
DJ1023
3.95
SM-BF50
SMA-MALE
BNC-FEMALE
DC-2
1.20
DJ1024
3.95
SF-BF50
SMA-FEMALE
BNC-FEMALE
DC-2
1.20
DJ1025
3.95
SM-BM50
SMA-MALE
BNC-MALE
DC-2
1.20
DJ1022
3.95


Similar Part No. - SM-BM50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SM-BM50 MINI-SM-BM50 Datasheet
216Kb / 1P
   SMA-M to BNC-M
More results

Similar Description - SM-BM50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
   50OHM, DC to 18 GHz
ERA-5XSM MINI-ERA-5XSM Datasheet
253Kb / 4P
   Monolithic Amplifier 50OHM, Broadband, DC to 4 GHz
MSWT-4-20 MINI-MSWT-4-20 Datasheet
244Kb / 2P
   50ohm Transfer, DC to 2.0 GHz Low Video Leakage
K2-HAT MINI-K2-HAT Datasheet
286Kb / 1P
   DC to 2 GHz
K1-HAT MINI-K1-HAT Datasheet
283Kb / 1P
   DC to 2 GHz
VNA-22 MINI-VNA-22 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-28 MINI-VNA-28 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-21 MINI-VNA-21 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
BTRM-50 MINI-BTRM-50 Datasheet
110Kb / 1P
   Termination BNC 50ohm DC to 2000 MHz
ZX60-3018G MINI-ZX60-3018G Datasheet
197Kb / 2P
   Connectorized Amplifier 50ohm, 20 MHz to 3 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com