Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T496C227K050AHE5007280 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T496C227K050AHE5007280
Description  Tantalum Surface Mount Capacitors ??Fused
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T496C227K050AHE5007280 Datasheet(HTML) 3 Page - Kemet Corporation

  T496C227K050AHE5007280 Datasheet HTML 1Page - Kemet Corporation T496C227K050AHE5007280 Datasheet HTML 2Page - Kemet Corporation T496C227K050AHE5007280 Datasheet HTML 3Page - Kemet Corporation T496C227K050AHE5007280 Datasheet HTML 4Page - Kemet Corporation T496C227K050AHE5007280 Datasheet HTML 5Page - Kemet Corporation T496C227K050AHE5007280 Datasheet HTML 6Page - Kemet Corporation T496C227K050AHE5007280 Datasheet HTML 7Page - Kemet Corporation T496C227K050AHE5007280 Datasheet HTML 8Page - Kemet Corporation T496C227K050AHE5007280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2010_T496 • 9/22/2016
33
Tantalum Surface Mount Capacitors – Fused
T496 Series Fused MnO
2
Qualification
Test
Condition
Characteristics
Endurance
85°Catratedvoltage,2,000hours
125°Cat2/3ratedvoltage,2,000hours
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
StorageLife
125°Cat0volts,2,000hours
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Thermal Shock
MIL–STD–202,Method107,ConditionB,mounted,
−55°Cto125°C,1,000cycles
ΔC/C
Within ±5% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Temperature Stability
Extreme temperature exposure at a
successionofcontinuousstepsat+25°C,
−55°C,+25°C,+85°C,+125°C,+25°C
+25°C
−55°C
+85°C
+125°C
ΔC/C
IL*
±10%
±10%
±20%
DF
IL
IL
1.5xIL
1.5xIL
DCL
IL
N/A
10xIL
12xIL
Surge Voltage
85°C,1.32xratedvoltage1,000cycles
(125°C,1.2xratedvoltage)
ΔC/C
Within ±5% of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/
Vibration
MIL–STD–202,Method213,ConditionI,100GPeak
MIL–STD–202,Method204,ConditionD,10Hzto
2,000 Hz, 20 G peak
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within initial limits
*IL = Initial limit
Certification
DLADrawing04053


Similar Part No. - T496C227K050AHE5007280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496C227K050CC611A KEMET-T496C227K050CC611A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T496C227K050CC611B KEMET-T496C227K050CC611B Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T496C227K050CC611C KEMET-T496C227K050CC611C Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T496C227K050CC612A KEMET-T496C227K050CC612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T496C227K050CC621A KEMET-T496C227K050CC621A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
More results

Similar Description - T496C227K050AHE5007280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496C106M016ATE2K0 KEMET-T496C106M016ATE2K0 Datasheet
2Mb / 19P
   Tantalum Surface Mount Capacitors ??Fused T496 Series Fused MnO2
T496C686M004AH4095 KEMET-T496C686M004AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAWD476K010R0500 AVX-TAWD476K010R0500 Datasheet
111Kb / 2P
   Tantalum Solid Electrolytic Fused Capacitors
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com