Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T496D227K050AHE5007280 Datasheet(PDF) 9 Page - Kemet Corporation

Part # T496D227K050AHE5007280
Description  Tantalum Surface Mount Capacitors ??Fused
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T496D227K050AHE5007280 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T496D227K050AHE5007280 Datasheet HTML 5Page - Kemet Corporation T496D227K050AHE5007280 Datasheet HTML 6Page - Kemet Corporation T496D227K050AHE5007280 Datasheet HTML 7Page - Kemet Corporation T496D227K050AHE5007280 Datasheet HTML 8Page - Kemet Corporation T496D227K050AHE5007280 Datasheet HTML 9Page - Kemet Corporation T496D227K050AHE5007280 Datasheet HTML 10Page - Kemet Corporation T496D227K050AHE5007280 Datasheet HTML 11Page - Kemet Corporation T496D227K050AHE5007280 Datasheet HTML 12Page - Kemet Corporation T496D227K050AHE5007280 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2010_T496 • 9/22/2016
99
Tantalum Surface Mount Capacitors – Fused
T496 Series Fused MnO
2
Recommended Voltage Derating Guidelines
−55°Cto85°C
85°Cto125°C
% Change in Working DC
Voltage with Temperature
V
R
67%ofV
R
Recommended Maximum
Application Voltage
50% of V
R
33% of V
R
Ripple Current/Ripple Voltage
Permissible AC ripple voltage and current are related to
equivalentseriesresistance(ESR)andthepowerdissipation
capabilities of the device. Permissible AC ripple voltage
whichmaybeappliedislimitedbytwocriteria:
1. The positive peak AC voltage plus the DC bias voltage,
if any, must not exceed the DC voltage rating of the
capacitor.
2. The negative peak AC voltage in combination with
bias voltage, if any, must not exceed the allowable limits
specifiedforreversevoltage.SeetheReverseVoltage
section for allowable limits.
The maximum power dissipation by case size can be
determined using the table at right. The maximum power
dissipation rating stated in the table must be reduced with
increasing environmental operating temperatures. Refer to
the table below for temperature compensation requirements.
Temperature Compensation Multipliers
for Maximum Ripple Current
T≤25°C
T≤85°C
T≤125°C
1.00
0.90
0.40
T= Environmental Temperature
The maximum power dissipation rating must be reduced with increasing
environmental operating temperatures. Refer to the Temperature
Compensation Multip
KEMET
Case Code
EIA
Case Code
Maximum Power
Dissipation (P max)
mWatts at 25°C
w/+20°C Rise
A
3216–18
75
B
3528–21
85
C
6032–28
110
D
7343–31
150
X
7343–43
165
E
7360–38
200
S
3216–12
60
T
3528–12
70
U
6032–15
90
V
7343–20
125
T510X
7343–43
270
T510E
7360–38
285
Using the P max of the device, the maximum allowable rms
ripple current or voltage may be determined.
I(max) = √P max/R
E(max) = Z √P max/R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P max = maximum power dissipation (watts)
R = ESR at specified frequency (ohms)
Z = Impedance at specified frequency (ohms)
0%
20%
40%
60%
80%
100%
120%
−55
25
85
125
% Change in Working DC Voltage
with Temperature
Temperature (ºC)
67%
33%
Recommended Maximum
Application Voltage
(As % of Rated Voltage)


Similar Part No. - T496D227K050AHE5007280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496D227K050CC611A KEMET-T496D227K050CC611A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T496D227K050CC611B KEMET-T496D227K050CC611B Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T496D227K050CC611C KEMET-T496D227K050CC611C Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T496D227K050CC612A KEMET-T496D227K050CC612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T496D227K050CC621A KEMET-T496D227K050CC621A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
More results

Similar Description - T496D227K050AHE5007280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496C106M016ATE2K0 KEMET-T496C106M016ATE2K0 Datasheet
2Mb / 19P
   Tantalum Surface Mount Capacitors ??Fused T496 Series Fused MnO2
T496C686M004AH4095 KEMET-T496C686M004AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAWD476K010R0500 AVX-TAWD476K010R0500 Datasheet
111Kb / 2P
   Tantalum Solid Electrolytic Fused Capacitors
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com