Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDEDC3220KA5N00 Datasheet(PDF) 1 Page - Kemet Corporation

Part # LDEDC3220KA5N00
Description  Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.22 uF, 10%, 63 V, 40 V, 125C, 1812, 2.4mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEDC3220KA5N00 Datasheet(HTML) 1 Page - Kemet Corporation

  LDEDC3220KA5N00 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 525aef0e-b4a1-4b30-8031-89bf5f224db9
KEMET Part Number: LDEDC3220KA5N00
(DEDC3220KA5N00)
Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.22 uF, 10%, 63 V, 40 V, 125C, 1812, 2.4mm
Dimensions
Chip Size
1812
L
4.7mm +0.3/-0.2mm
W
3.3mm +/-0.3mm
T
2.4mm MAX
B
0.5mm +0.5/-0.3mm
Packaging Specifications
Packaging: T&R
Packaging Quantity: 3000
General Information
Dielectric: Metallized PEN Stacked
Style: SMD Chip
Series: LDE
RoHS: Yes
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 0.22 uF
Capacitance Tolerance: 10%
Voltage DC: 63 VDC
Voltage AC: 40 V
Temperature Range: -55/+125C
Rated Temperature: 125C
Dissipation Factor: 0.8% 1kHz
Insulation Resistance: 1 GOhms
Max dVdt: 100 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - LDEDC3220KA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEDC3220 ETC1-LDEDC3220 Datasheet
499Kb / 8P
   PEN-PET H.T
logo
Kemet Corporation
LDEDC3220-A5 KEMET-LDEDC3220-A5 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEDC3220JA5N00 KEMET-LDEDC3220JA5N00 Datasheet
57Kb / 1P
   LDE, Film, Metallized PEN Stacked, Commercial Grade, 0.22 uF, 5%, 63 V, 40 V, 125C, 1812, 2.4mm
More results

Similar Description - LDEDC3220KA5N00

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDEDC3220JA5N00 KEMET-LDEDC3220JA5N00 Datasheet
57Kb / 1P
   LDE, Film, Metallized PEN Stacked, Commercial Grade, 0.22 uF, 5%, 63 V, 40 V, 125C, 1812, 2.4mm
LDEDC3100KA5N00 KEMET-LDEDC3100KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.1 uF, 10%, 63 V, 40 V, 125C, 1812, 2.4mm
LDEED3220KA5N00 KEMET-LDEED3220KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.22 uF, 10%, 100 V, 63 V, 125C, 2220, 2.4mm
LDEDD3470KA5N00 KEMET-LDEDD3470KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.47 uF, 10%, 63 V, 40 V, 125C, 2220, 2.4mm
LDECC3220JA5N00 KEMET-LDECC3220JA5N00 Datasheet
60Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.22 uF, 5%, 50 V, 40 VAC, 125C, 1812, 2.4mm
LDEEC2680KA5N00 KEMET-LDEEC2680KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.068 uF, 10%, 100 V, 63 V, 125C, 1812, 1.8mm
LDECC2330KA5N00 KEMET-LDECC2330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.033 uF, 10%, 50 V, 40 V, 125C, 1812, 1.8mm
LDECC2680KA5N00 KEMET-LDECC2680KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.068 uF, 10%, 50 V, 40 V, 125C, 1812, 1.8mm
LDEDE4100KA5N00 KEMET-LDEDE4100KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 1 uF, 10%, 63 V, 40 V, 125C, 2824, 3.1mm
LDEDD3330KA5N00 KEMET-LDEDD3330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.33 uF, 10%, 63 V, 40 V, 125C, 2220, 1.9mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com