Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F844FH104K440C Datasheet(PDF) 8 Page - Kemet Corporation

Part # F844FH104K440C
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F844FH104K440C Datasheet(HTML) 8 Page - Kemet Corporation

Back Button F844FH104K440C Datasheet HTML 4Page - Kemet Corporation F844FH104K440C Datasheet HTML 5Page - Kemet Corporation F844FH104K440C Datasheet HTML 6Page - Kemet Corporation F844FH104K440C Datasheet HTML 7Page - Kemet Corporation F844FH104K440C Datasheet HTML 8Page - Kemet Corporation F844FH104K440C Datasheet HTML 9Page - Kemet Corporation F844FH104K440C Datasheet HTML 10Page - Kemet Corporation F844FH104K440C Datasheet HTML 11Page - Kemet Corporation F844FH104K440C Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3108_PHE844_X1_440-480 • 5/15/2015
8
Film Capacitors – Metallized Polypropylene Film EMI Suppression Capacitors
PHE844 Series, Class X1, 440/480 VAC, 105°C
Soldering Process cont'd
Wave Soldering Recommendations cont'd
1.Thetableindicatesthemaximumset-uptemperatureofthesolderingprocess
Figure 1
Dielectric
Film Material
Maximum Preheat
Temperature
Maximum
Peak Soldering
Temperature
Capacitor
Pitch
≤10mm
Capacitor
Pitch
= 15 mm
Capacitor
Pitch
> 15 mm
Capacitor
Pitch
≤15mm
Capacitor
Pitch
> 15 mm
Polyester
130°C
130°C
130°C
270°C
270°C
Polypropylene
100°C
110°C
130°C
260°C
270°C
Paper
130°C
130°C
140°C
270°C
270°C
Polyphenylene
Sulphide
150°C
150°C
160°C
270°C
270°C
2. The maximum temperature measured inside the capacitor:
Setthetemperaturesothatinsidetheelementthemaximumtemperatureisbelowthelimit:
Dielectric Film Material
Maximum temperature
measured inside the element
Polyester
160°C
Polypropylene
110°C
Paper
160°C
Polyphenylene
sulphide
160°C
Temperature monitored inside the capacitor.
Selective Soldering Recommendations
Selectivedipsolderingisavariationofreflowsoldering.Inthismethod,theprintedcircuitboardwiththrough-holecomponentstobe
solderedispreheatedandtransportedoverthesolderbathasinnormalflowsolderingwithouttouchingthesolder.Whentheboardis
overthebath,itisstoppedandpre-designedsolderpotsareliftedfromthebathwithmoltensolderonlyattheplacesoftheselected
components,andpressedagainstthelowersurfaceoftheboardtosolderthecomponents.
Thetemperatureprofileforselectivesolderingissimilartothedoublewaveflowsolderingoutlinedinthisdocument,however, instead
of two baths, there is only one bath with a time from 3 to 10 seconds. In selective soldering, the risk of overheating is greater than
indoublewaveflowsoldering,andgreatcaremustbetakensothatthepartsarenotoverheated.


Similar Part No. - F844FH104K440C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F84-12-TL PANDUIT-F84-12-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F84-15-TL PANDUIT-F84-15-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F84-18-TL PANDUIT-F84-18-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F84-20-TL PANDUIT-F84-20-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F84-25-TL PANDUIT-F84-25-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
More results

Similar Description - F844FH104K440C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com