Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F844FH104M440C Datasheet(PDF) 7 Page - Kemet Corporation

Part # F844FH104M440C
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F844FH104M440C Datasheet(HTML) 7 Page - Kemet Corporation

Back Button F844FH104M440C Datasheet HTML 3Page - Kemet Corporation F844FH104M440C Datasheet HTML 4Page - Kemet Corporation F844FH104M440C Datasheet HTML 5Page - Kemet Corporation F844FH104M440C Datasheet HTML 6Page - Kemet Corporation F844FH104M440C Datasheet HTML 7Page - Kemet Corporation F844FH104M440C Datasheet HTML 8Page - Kemet Corporation F844FH104M440C Datasheet HTML 9Page - Kemet Corporation F844FH104M440C Datasheet HTML 10Page - Kemet Corporation F844FH104M440C Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3108_PHE844_X1_440-480 • 5/15/2015
7
Film Capacitors – Metallized Polypropylene Film EMI Suppression Capacitors
PHE844 Series, Class X1, 440/480 VAC, 105°C
Manual Soldering Recommendations
Following is the recommendation for manual
soldering with a soldering iron.
Thesolderingirontiptemperatureshouldbeset
at350°C(+10°Cmaximum)withthesoldering
duration not to exceed more than 3 seconds.
Recommended Soldering Temperature
0
50
100
150
200
250
300
350
400
0
1
2
3
4
5
6
7
8
Soldering time (sec)
Soldering Process
The implementation of the RoHS directive has resulted in the selection of SnAgCu (SAC) alloys or SnCu alloys as primary solder. This has
increasedtheliquidustemperaturefromthatof183ºCforSnPbeutecticalloyto217–221ºCforthenewalloys.Asaresult,theheatstress
tothecomponents,eveninwavesoldering,hasincreasedconsiderablyduetohigherpre-heatandwavetemperatures.Polypropylene
capacitorsareespeciallysensitivetoheat(themeltingpointofpolypropyleneis160–170ºC).Wavesolderingcanbedestructive,especially
formechanicallysmallpolypropylenecapacitors(withleadspacingof5mmto15mm),andgreatcarehastobetakenduringsoldering.The
recommendedsolderprofilesfromKEMETshouldbeused.PleaseconsultKEMETwithanyquestions.Ingeneral,thewavesolderingcurve
fromIECPublication61760-1Edition2servesasasolidguidelineforsuccessfulsoldering.PleaseseeFigure1.
Reflowsolderingisnotrecommendedforthrough-holefilmcapacitors.Exposingcapacitorstoasolderingprofileinexcessoftheabovethe
recommended limits may result to degradation or permanent damage to the capacitors.
Do not place the polypropylene capacitor through an adhesive curing oven to cure resin for surface mount components. Insert through-
holepartsafterthecuringofsurfacemountparts.ConsultKEMETtodiscusstheactualtemperatureprofileintheoven,ifthrough-hole
components must pass through the adhesive curing process. A maximum two soldering cycles is recommended. Please allow time for the
capacitorsurfacetemperaturetoreturntoanormaltemperaturebeforethesecondsolderingcycle.
Wave Soldering Recommendations
0
50
100
150
200
250
300
0
40
80
120
160
200
240
Time (s)
ca 2°C/s
ca 3.5°C/s typical
ca 5°C/s
Cooling
2+3s max
115°C max
Tpreheat
ΔT <150°C
100°C
Preheating
Typical
First wave
Second wave
260°C


Similar Part No. - F844FH104M440C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F84-12-TL PANDUIT-F84-12-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F84-15-TL PANDUIT-F84-15-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F84-18-TL PANDUIT-F84-18-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F84-20-TL PANDUIT-F84-20-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F84-25-TL PANDUIT-F84-25-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
More results

Similar Description - F844FH104M440C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com