Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS26V-200076 Datasheet(PDF) 3 Page - Kemet Corporation

Part # SS26V-200076
Description  SS Coils, SS26V Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS26V-200076 Datasheet(HTML) 3 Page - Kemet Corporation

  SS26V-200076 Datasheet HTML 1Page - Kemet Corporation SS26V-200076 Datasheet HTML 2Page - Kemet Corporation SS26V-200076 Datasheet HTML 3Page - Kemet Corporation SS26V-200076 Datasheet HTML 4Page - Kemet Corporation SS26V-200076 Datasheet HTML 5Page - Kemet Corporation SS26V-200076 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0030_SS26V • 6/16/2014
AC Line Filters – SS Coils, SS26V Type
Table 1 – Ratings & Part Number Reference
Specifications
Item
SS26V
Rated Voltage
250 VAC
Withstanding Voltage
2400 VAC (2 seconds, between lines)
Insulation Resistance
>100MΩ@500VDC(betweenlines)
Thermal Class
E (120°C)
Operating Temperature Range
-25ºC to T (T = 120 - temperature rise)
Inductance Measurement Condition
1 kHz, 1 V, KC530
Part Number
Rated Current
AC (A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Marking
Weight (g)
Approximate
SS26V-050880
0.5
88
2.4
45
05 Lot No.
25.3
SS26V-060640
0.6
64
1.8
45
06 Lot No.
25.4
SS26V-070510
0.7
51
1.4
50
07 Lot No.
25.2
SS26V-080350
0.8
35
1.0
45
08 Lot No.
25.0
SS26V-100250
1.0
25
0.7
45
10 Lot No.
25.8
SS26V-120169
1.2
16.9
0.55
50
12 Lot No.
22.6
SS26V-150121
1.5
12.1
0.40
50
15 Lot No.
23.5
SS26V-180092
1.8
9.2
0.30
50
18 Lot No.
24.3
SS26V-200076
2.0
7.6
0.25
50
20 Lot No.
25.9
SS26V-250046
2.5
4.6
0.15
50
25 Lot No.
24.3
SS26V-300028
3.0
2.8
0.10
50
30 Lot No.
23.0
SS26V-R051170
0.5
117
2.4
45
R05 Lot No.
25.3
SS26V-R060860
0.6
86
1.8
45
R06 Lot No.
25.4
SS26V-R070680
0.7
68
1.4
50
R07 Lot No.
25.2
SS26V-R080470
0.8
47
1.0
45
R08 Lot No.
25.0
SS26V-R100330
1.0
33
0.7
45
R10 Lot No.
25.8
SS26V-R120220
1.2
22
0.55
50
R12 Lot No.
22.6
SS26V-R150162
1.5
16.2
0.40
50
R15 Lot No.
23.5
SS26V-R180123
1.8
12.3
0.30
50
R18 Lot No.
24.3
SS26V-R200102
2.0
10.2
0.25
50
R20 Lot No.
25.9
SS26V-R250061
2.5
6.1
0.15
50
R25 Lot No.
24.3
SS26V-R300038
3.0
3.8
0.10
50
R30 Lot No.
23.0


Similar Part No. - SS26V-200076

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS26V-050880 KEMET-SS26V-050880 Datasheet
78Kb / 1P
   KEMET, SS26V, AC Line Filters, Common Mode, 0.088 H
SS26V-060640 KEMET-SS26V-060640 Datasheet
78Kb / 1P
   KEMET, SS26V, AC Line Filters, Common Mode, 0.064 H
SS26V-150121 KEMET-SS26V-150121 Datasheet
78Kb / 1P
   KEMET, SS26V, AC Line Filters, Common Mode, 0.0121 H
SS26V-R060860 KEMET-SS26V-R060860 Datasheet
78Kb / 1P
   KEMET, SS26V, AC Line Filters, Common Mode, 0.086 H
SS26V-R200102 KEMET-SS26V-R200102 Datasheet
76Kb / 1P
   Commercial Grade, SS26V, 0.0102 H
More results

Similar Description - SS26V-200076

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS26V-R51170 KEMET-SS26V-R51170 Datasheet
304Kb / 5P
   AC Line Filters SS Coils, SS26V Type
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
   SS Coils, SS21V Type
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
   SS Coils, SS20H Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
   SS Coils, SS30V Type
SS17HB-R13020 KEMET-SS17HB-R13020 Datasheet
409Kb / 6P
   SS Coils, SS17HB Type
SS17VA-R03155 KEMET-SS17VA-R03155 Datasheet
479Kb / 8P
   SS Coils, SS17VA/HA Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
   SS Coils, SS35V/H Type
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
   SS Coils, SS28V/H-CH Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
   SS Coils, SS24V/H-CH Type
SS11VL-R03550 KEMET-SS11VL-R03550 Datasheet
363Kb / 6P
   SS Coils, SS11VL High Frequency Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com