Electronic Components Datasheet Search |
|
C0805C154MGRACAUTO Datasheet(PDF) 1 Page - Kemet Corporation |
|
C0805C154MGRACAUTO Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 21 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1076_X7R_HV_AUTO_SMD • 11/21/2016 1 One world. One KEMET Overview KEMET’s Automotive Grade High Voltage surface mount MLCCs in X7R Dielectric feature a 125°C maximum operating temperature and are considered “temperature stable.” The Electronics Industries Alliance (EIA) characterizes X7R dielectric as a Class II material. Components of this classification are fixed, ceramic dielectric capacitors suited for bypass and decoupling applications or for frequency discriminating circuits where Q and stability of capacitance characteristics are not critical. X7R exhibits a predictable change in capacitance with respect to time and voltage and boasts a minimal change in capacitance with reference to ambient temperature. Capacitance change is limited to ±15% from −55°C to +125°C. Available in a variety of case sizes and industry leading CV values (capacitance/voltage), these devices exhibit low leakage current and low ESR at high frequencies. Conventional uses include both snubbers and filters in applications such as switching power supplies and lighting ballasts. Their exceptional performance at high frequencies has made high voltage MLCC's the preferred dielectric choice of design engineers worldwide. In addition to their use in power supplies, these capacitors are widely used in industries related to automotive (hybrid), telecommunications, medical, military, aerospace, semiconductors and test/diagnostic equipment. Whether under-hood or in-cabin, these capacitors are designed to provide reliable performance in mission and safety critical automotive circuits. Stricter testing protocol and inspection criteria have been established for automotive grade products in recognition of potentially harsh environmental conditions. KEMET automotive grade series capacitors meet the demanding Automotive Electronics Council's AEC-Q200 qualification requirements. Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade) Ordering Information C 1210 C 154 K C R A C AUTO Ceramic Case Size (L" x W") Specification/ Series Capacitance Code (pF) Capacitance Tolerance Rated Voltage (VDC) Dielectric Failure Rate/ Design Termination Finish1 Packaging/Grade (C-Spec) 0603 0805 1206 1210 1808 1812 1825 2220 2225 C = Standard Two significant digits and number of zeros. J = ±5% K = ±10% M = ±20% C = 500 B = 630 D = 1,000 F = 1,500 G = 2,000 Z = 2,500 H = 3,000 R = X7R A = N/A C = 100% Matte Sn See "Packaging C-Spec Ordering Options Table" below 1 Additional termination finish options may be available. Contact KEMET for details. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C0805C154MGRACAUTO |
|
Similar Description - C0805C154MGRACAUTO |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |