Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T110D105M015AT0100 Datasheet(PDF) 8 Page - Kemet Corporation

Part # T110D105M015AT0100
Description  T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T110D105M015AT0100 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T110D105M015AT0100 Datasheet HTML 4Page - Kemet Corporation T110D105M015AT0100 Datasheet HTML 5Page - Kemet Corporation T110D105M015AT0100 Datasheet HTML 6Page - Kemet Corporation T110D105M015AT0100 Datasheet HTML 7Page - Kemet Corporation T110D105M015AT0100 Datasheet HTML 8Page - Kemet Corporation T110D105M015AT0100 Datasheet HTML 9Page - Kemet Corporation T110D105M015AT0100 Datasheet HTML 10Page - Kemet Corporation T110D105M015AT0100 Datasheet HTML 11Page - Kemet Corporation T110D105M015AT0100 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2031_T110_AXIAL_T212 • 9/20/2016
88
Tantalum Through-Hole Capacitors – Hermetically Sealed
T110 Series Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
Rated
Voltage
Rated
Cap
Case
Size
Code
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Dash Number Reference
KEMET
Equivalent
Military
Failure Rate Level (%/1,000 hours)
MIL–PRF–39003/1K
MIL–PRF–39003/1K
Exponential
Graded
VDC
µF
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
20
10.0
B
T110B106M020A(3)
1.0
6
2287
2527
2767
3007
4079
6079
7079
8079
T212B106M020(2)S
20
12.0
B
T110B126J020A(3)
1.0
6
5033
5233
5433
5633
4080
6080
7080
8080
T212B126J020(2)S
20
12.0
B
T110B126K020A(3)
1.0
6
2288
2528
2768
3008
4081
6081
7081
8081
T212B126K020(2)S
20
12.0
B
T110B126M020A(3)
1.0
6
20
15.0
B
T110B156J020A(3)
2.0
6
5034
5234
5434
5634
4082
6082
7082
8082
T212B156J020(2)S
20
15.0
B
T110B156K020A(3)
2.0
6
2289
2529
2769
3009
4083
6083
7083
8083
T212B156K020(2)S
20
15.0
B
T110B156M020A(3)
2.0
6
2290
2530
2770
3010
4084
6084
7084
8084
T212B156M020(2)S
20
18.0
C
T110C186(1)020A(3)
2.0
6
20
22.0
C
T110C226(1)020A(3)
2.5
6
20
27.0
C
T110C276J020A(3)
2.5
6
5035
5235
5435
5635
4085
6085
7085
8085
T212C276J020(2)S
20
27.0
C
T110C276K020A(3)
2.5
6
2991
2531
2771
3011
4086
6086
7086
8086
T212C276K020(2)S
20
27.0
C
T110C276M020A(3)
2.5
6
20
33.0
C
T110C336J020A(3)
3.0
6
5036
5236
5436
5636
4087
6087
7087
8087
T212C336J020(2)S
20
33.0
C
T110C336K020A(3)
3.0
6
2292
2532
2772
3012
4088
6088
7088
8088
T212C336K020(2)S
20
33.0
C
T110C336M020A(3)
3.0
6
2293
2533
2773
3013
4089
6089
7089
8089 T212C336M020(2)S
20
39.0
C
T110C396J020A(3)
3.0
6
5037
5237
5437
5637
4090
6090
7090
8090
T212C396J020(2)S
20
39.0
C
T110C396K020A(3)
3.0
6
2294
2534
2774
3014
4091
6091
7091
8091
T212C396K020(2)S
20
39.0
C
T110C396M020A(3)
3.0
6
20
47.0
C
T110C476J020A(3)
4.5
6
5038
5238
5438
5638
4092
6092
7092
8092
T212C476J020(2)S
20
47.0
C
T110C476K020A(3)
4.5
6
2295
2535
2775
3015
4093
6093
7093
8093
T212C476K020(2)S
20
47.0
C
T110C476M020A(3)
4.5
6
2296
2536
2776
3016
4094
6094
7094
8094 T212C476M020(2)S
20
56.0
D
T110D566J020A(3)
5.5
6
5039
5239
5439
5639
4095
6095
7095
8095
T212D566J020(2)S
20
56.0
D
T110D566K020A(3)
5.5
6
2297
2537
2777
3017
4096
6096
7096
8096
T212D566K020(2)S
20
56.0
D
T110D566M020A(3)
5.5
6
20
68.0
D
T110D686J020A(3)
6.0
6
5040
5240
5440
5640
4097
6097
7097
8097
T212D686J020(2)S
20
68.0
D
T110D686K020A(3)
6.0
6
2298
2538
2778
3018
4098
6098
7098
8098
T212D686K020(2)S
20
68.0
D
T110D686M020A(3)
6.0
6
2299
2539
2779
3019
4099
6099
7099
8099 T212D686M020(2)S
20
82.0
D
T110D826J020A(3)
6.0
6
5041
5241
5441
5641
4100
6100
7100
8100
T212D826J020(2)S
20
82.0
D
T110D826K020A(3)
6.0
6
2300
2540
2780
3020
4101
6101
7101
8101
T212D826K020(2)S
20
82.0
D
T110D826M020A(3)
6.0
6
20
100.0
D
T110D107J020A(3)
10.0
6
5042
5242
5442
5642
4102
6102
7102
8102
T212D107J020(2)S
20
100.0
D
T110D107K020A(3)
10.0
6
2301
2541
2781
3021
4103
6103
7103
8103
T212D107K020(2)S
20
100.0
D
T110D107M020A(3)
10.0
6
2302
2542
2782
3022
4104
6104
7104
8104
T212D107M020(2)S
35
0.0047
A
T110A472(1)035A(3)
0.1
3
35
0.0056
A
T110A562(1)035A(3)
0.1
3
35
0.0068
A
T110A682(1)035A(3)
0.1
3
35
0.0082
A
T110A822(1)035A(3)
0.1
3
35
0.01
A
T110A103(1)035A(3)
0.1
3
35
0.012
A
T110A123(1)035A(3)
0.1
3
35
0.015
A
T110A153(1)035A(3)
0.1
3
35
0.018
A
T110A183(1)035A(3)
0.1
3
35
0.022
A
T110A223(1)035A(3)
0.1
3
35
0.027
A
T110A273(1)035A(3)
0.1
3
35
0.033
A
T110A333(1)035A(3)
0.1
3
35
0.039
A
T110A393(1)035A(3)
0.1
3
VDC
µF
Case
Size
Code
(see below for
part options)
µA at 25°C
Max/5 Minimum
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
Rated
Voltage
Rated
Cap
KEMET Part
Number
DC
Leakage
DF % at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET Part Number, insert M for ±20%, K for ±10%, or J for 5%. Designates capacitance tolerance.
(2) To complete KEMET Part Number (T212), insert Graded failure rate – A for Not Applicable, B for 0.1%/k hours, C for 0.01%/k hours, D for 0.001%/k
hours, or G for 1%/k hours; or insert Exponential failure rate – M for 1%/k hours, P for 0.1%/k hours, R for 0.01%/k hours, or S for 0.001%/k hours.
Designates Reliability Level.
(3) To complete KEMET Part Number (T110), insert Lead Material designator – S for Standard or T for 100% Matte Tin. Designates Termination finish.
Refer to Ordering Information for additional detail.


Similar Part No. - T110D105M015AT0100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110D105M050ASC KEMET-T110D105M050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110D105M050BSC KEMET-T110D105M050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110D105M050CSC KEMET-T110D105M050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110D105M050DSC KEMET-T110D105M050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110D105M050MSC KEMET-T110D105M050MSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T110D105M015AT0100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
logo
Vishay Siliconix
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
   Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
Glenair, Inc.
181-043-15 GLENAIR-181-043-15 Datasheet
215Kb / 1P
   MIL-PRF-29504/18 Type Terminus
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com