Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEE00BB12-M Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AEE00BB12-M
Description  4200 VAC reinforced Insulation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AEE00BB12-M Datasheet(HTML) 1 Page - Artesyn Technologies

  AEE00BB12-M Datasheet HTML 1Page - Artesyn Technologies AEE00BB12-M Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER
AEE10W-M Series
10 Watts
Total Power: 10 Watts
Input Voltage: 12 V, 24 V or 48 V
# of Outputs: Single, Dual
SPECIAL FEATURES
ƒ
4200 VAC reinforced Insulation
ƒ
Insulation rated for 300 VAC
Working Voltage
ƒ
Medical Safety to UL/CSA/EN/IEC
60601-1 3rd Edition
ƒ
2 MOOP rated
ƒ
Wide 2:1 Input Voltage Range
ƒ
Fully regulated Output Voltage
ƒ
Low Leakage Current
ƒ
Operating Temp. Range –40°C to
+85 °C (With derating)
ƒ
Input Filter meets EN 55022, class
A and FCC, level A
ƒ
Overload Protection
ƒ
2”x 1” Plastic Package
ƒ
3 Years Product Warranty
SAFETY
ƒ
cUL/UL60950-1, CSA C22.2 No.
60950-1-03
ƒ
UL60601-1, CSA C22.2 No.601-1
ƒ
IEC/EN 60950-1, IEC/EN 60601-1
3rd Edition, 2 MOOP
ƒ
IEC60950-1 CB report, cUL/UL
60950-1 certificate
ƒ
UL60601-1 UL certificate
Electrical Specifications
Input
Input range
9 - 18 Vdc; 18 - 36 Vdc; 36 - 75 Vdc
Efficiency
82%
Output
Voltage tolerance
±1.0%
Line regulation
±0.5%
Load regulation
1.2%
Noise/ripple
100 mV
OCP and S/C protection
Hiccup
Over voltage protection
Latched
OTP protection
Latched
Switching frequency
150 KHz
Temperature coefficient
±0.02 /°C
Isolation
I/O isolation
4200 VACrms
Insulation resistance
10 Gohm
Insulation capacitance
80 pF
Data Sheet
Environmental Specifications
Operating ambient temperature range
-40 °C to +85 °C
Storage temperature
-50 °C to +125 °C
Humidity
5% to 95% (non-condensing)
Calculated MTBF
1 MHrs


Similar Part No. - AEE00BB12-M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE00BB12-4 ASTEC-AEE00BB12-4 Datasheet
1Mb / 2P
   10 Watts
AEE00BB12-4 ASTEC-AEE00BB12-4 Datasheet
146Kb / 2P
   Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
More results

Similar Description - AEE00BB12-M

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
logo
HALO Electronics, Inc.
TGR01-3406V6LF HALO-TGR01-3406V6LF Datasheet
461Kb / 2P
   SMD Reinforced Insulation Package
logo
XFMRS Inc.
1008 XFMRS-1008 Datasheet
51Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
logo
Minmax Technology Co., ...
MTQZ50 MINMAX-MTQZ50 Datasheet
778Kb / 6P
   Reinforced Insulation 3000 VACrms
logo
Sharp Corporation
PC3SG21YIZ SHARP-PC3SG21YIZ Datasheet
223Kb / 13P
   VDRM 600V, Reinforced Insulation Type
logo
TE Connectivity Ltd
SRL7 TEC-SRL7 Datasheet
294Kb / 2P
   Reinforced insulation between contact circuits
logo
Sharp Corporation
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com