Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC0603L201R030 Datasheet(PDF) 10 Page - Kemet Corporation

Part # VC0603L201R030
Description  Surface Mount Varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VC0603L201R030 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button VC0603L201R030 Datasheet HTML 6Page - Kemet Corporation VC0603L201R030 Datasheet HTML 7Page - Kemet Corporation VC0603L201R030 Datasheet HTML 8Page - Kemet Corporation VC0603L201R030 Datasheet HTML 9Page - Kemet Corporation VC0603L201R030 Datasheet HTML 10Page - Kemet Corporation VC0603L201R030 Datasheet HTML 11Page - Kemet Corporation VC0603L201R030 Datasheet HTML 12Page - Kemet Corporation VC0603L201R030 Datasheet HTML 13Page - Kemet Corporation VC0603L201R030 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0002_VC • 10/26/2016
Surface Mount Varistors
VC Series Low Voltage 125°C
Soldering cont'd
Solder Test and Retained Samples–reflowsolderingtestbasedonJ-STD-020D.1andsolderingtestbydippingbasedonIEC60068-
2 for Pb-free solders are preformed on each production lot as shown in the following chart. Test results and accompanying samples
areretainedforaminimumoftwo(2)years.Thesolderabilityofaspecificlotcanbecheckedatanytimewithinthisperiodshoulda
customer require this information.
Test
Resistance to Flux
Solderability
Static leaching
(Simulation of Reflow
Soldering)
Dynamic Leaching
(Simulation of Wave
Soldering)
Parameter
Soldering method
dipping
dipping
dipping
dipping with agitation
Flux
L3CN, ORL0
L3CN, ORL0, R
L3CN, ORL0, R
L3CN, ORL0, R
Pb Solder
62Sn/36Pb/2 Ag
PbSolderingtemperature(°C)
235±5
235±5
260±5
235±5
Pb-FREE Solder
Sn96/Cu0,4–0,8/3–4Ag
Pb-FREE Soldering
Temperature(°C)
250±5
250±5
280±5
250±5
Soldering Time (s)
2
210
10
> 15
Burn-in Conditions
VDC
max, 48 h
Acceptance Criterion
dVn < 5 %, i
dc must stay
unchanged
> 95 % of end termination
must be covered by solder
> 95 % of end termination
must be intact and covered
by solder
> 95 % of end termination
must be intact and covered
by solder
Rework Criteria Soldering Iron – unless absolutely necessary, the use of soldering irons is NOT recommended for reworking varistor
chips. If no other means of rework is available, the following criteria must be strictly followed:
• Do not allow the tip of the iron to directly contact the top of the chip
•Donotexceedthefollowingsolderingironspecifications:
Output Power:
30 Watts maximum
TemperatureofSolderingIronTip:
280°Cmaximum
Soldering Time:
10 Seconds maximum
Storage Conditions – SMD varistors should be used within 1 year of purchase to avoid possible soldering problems caused by oxidized
terminals.Thestorageenvironmentshouldbecontrolled,withhumiditylessthan40%andtemperaturebetween-25and45°C.Varistor
chips should always be stored in their original packaged unit.


Similar Part No. - VC0603L201R030

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC060303A100 AVX-VC060303A100 Datasheet
484Kb / 10P
   TransGuard짰 AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VC0603L201R030

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com