Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT3038R-EL-E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAT3038R-EL-E
Description  Silicon N/P Channel Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3038R-EL-E Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAT3038R-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT3038R-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT3038R-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT3038R-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT3038R-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT3038R-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT3038R-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT3038R-EL-E Datasheet HTML 8Page - Renesas Technology Corp HAT3038R-EL-E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HAT3038R
R07DS1375EJ0301 Rev.3.01
Page 5 of 9
Jan 20, 2017
Vin Monitor
D.U.T.
Vin
10 V
R L
V
= 30 V
DS
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
t f
Switching Time Test Circuit
Switching Time Waveform
Rg


Similar Part No. - HAT3038R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3038R RENESAS-HAT3038R Datasheet
136Kb / 2P
   Power MOSFETs and IGBT for PDP
More results

Similar Description - HAT3038R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3037R RENESAS-HAT3037R Datasheet
136Kb / 7P
   Silicon N/P Channel Power MOSFET
HAT3036R RENESAS-HAT3036R Datasheet
300Kb / 11P
   Silicon N/P Channel Power MOSFET
logo
Hitachi Semiconductor
4AM16 HITACHI-4AM16 Datasheet
87Kb / 11P
   Silicon N-Channel/P-Channel Power MOSFET Array
logo
Guangdong Kexin Industr...
TPCP8404 KEXIN-TPCP8404 Datasheet
258Kb / 10P
   Silicon P,N Channel MOSFET
logo
Fuji Electric
2SJ474-01L FUJI-2SJ474-01L_05 Datasheet
543Kb / 4P
   P-CHANNEL SILICON POWER MOSFET
logo
Guangdong Kexin Industr...
2SJ0582 KEXIN-2SJ0582 Datasheet
46Kb / 2P
   Silicon P-channel power MOSFET
logo
Fuji Electric
2SJ314-01L FUJI-2SJ314-01L Datasheet
146Kb / 3P
   P-CHANNEL SILICON POWER MOSFET
2SJ475-01 FUJI-2SJ475-01_06 Datasheet
300Kb / 4P
   P-CHANNEL SILICON POWER MOSFET
2SJ477-01MR FUJI-2SJ477-01MR_06 Datasheet
299Kb / 4P
   P-CHANNEL SILICON POWER MOSFET
logo
Dongguan Pingjingsemi T...
PJM3415PSC PJSEMI-PJM3415PSC Datasheet
6Mb / 6P
   Silicon P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com