Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT3036R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT3036R
Description  Silicon N/P Channel Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3036R Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT3036R Datasheet HTML 1Page - Renesas Technology Corp HAT3036R Datasheet HTML 2Page - Renesas Technology Corp HAT3036R Datasheet HTML 3Page - Renesas Technology Corp HAT3036R Datasheet HTML 4Page - Renesas Technology Corp HAT3036R Datasheet HTML 5Page - Renesas Technology Corp HAT3036R Datasheet HTML 6Page - Renesas Technology Corp HAT3036R Datasheet HTML 7Page - Renesas Technology Corp HAT3036R Datasheet HTML 8Page - Renesas Technology Corp HAT3036R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HAT3036R
R07DS1373EJ0501 Rev.5.01
Page 2 of 9
Jan 20, 2017
Electrical Characteristics
• N Channel
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V(BR)DSS
30
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±20
V
IG = ±100
A, VDS = 0
Gate to source leak current
IGSS
± 10
A
VGS = ±16 V, VDS = 0
Zero gate voltage drain current
IDSS
1
A
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.0
2.5
V
VDS = 10 V, I D = 1 mA
Static drain to source on state
resistance
RDS(on)
40
50
m
ID = 2.4 A, VGS = 10 V Note4
RDS(on)
60
87
m
ID = 2.4 A, VGS = 4.5 V Note4
Forward transfer admittance
|yfs|
3.6
6.0
S
ID = 2.4 A, VDS = 10 V Note4
Input capacitance
Ciss
260
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Output capacitance
Coss
70
pF
Reverse transfer capacitance
Crss
30
pF
Total gate charge
Qg
2.2
nC
VDD = 10 V
VGS = 4.5 V
ID = 4.8 A
Gate to source charge
Qgs
1.0
nC
Gate to drain charge
Qgd
0.8
nC
Turn-on delay time
td(on)
7.0
ns
VGS = 10 V, ID = 2.4 A
VDD
 10 V
RL = 4.16
Rg = 4.7
Rise time
tr
17.5
ns
Turn-off delay time
td(off)
35.5
ns
Fall time
tf
3.8
ns
Body–drain diode forward voltage
VDF
0.88
1.15
V
IF = 4.8 A, VGS = 0 Note4
Body–drain diode reverse
recovery time
trr
18
ns
IF = 4.8 A, VGS = 0
diF/ dt = 100 A/
s
Notes: 4. Pulse test


Similar Part No. - HAT3036R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3031R RENESAS-HAT3031R Datasheet
136Kb / 2P
   Power MOSFETs and IGBT for PDP
HAT3037R RENESAS-HAT3037R Datasheet
136Kb / 2P
   Power MOSFETs and IGBT for PDP
HAT3037R RENESAS-HAT3037R Datasheet
136Kb / 7P
   Silicon N/P Channel Power MOSFET
HAT3037R-EL-E RENESAS-HAT3037R-EL-E Datasheet
136Kb / 7P
   Silicon N/P Channel Power MOSFET
HAT3038R RENESAS-HAT3038R Datasheet
136Kb / 2P
   Power MOSFETs and IGBT for PDP
More results

Similar Description - HAT3036R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3038R RENESAS-HAT3038R Datasheet
137Kb / 11P
   Silicon N/P Channel Power MOSFET
HAT3037R RENESAS-HAT3037R Datasheet
136Kb / 7P
   Silicon N/P Channel Power MOSFET
logo
Hitachi Semiconductor
4AM16 HITACHI-4AM16 Datasheet
87Kb / 11P
   Silicon N-Channel/P-Channel Power MOSFET Array
logo
Guangdong Kexin Industr...
TPCP8404 KEXIN-TPCP8404 Datasheet
258Kb / 10P
   Silicon P,N Channel MOSFET
logo
Fuji Electric
2SJ474-01L FUJI-2SJ474-01L_05 Datasheet
543Kb / 4P
   P-CHANNEL SILICON POWER MOSFET
logo
Guangdong Kexin Industr...
2SJ0582 KEXIN-2SJ0582 Datasheet
46Kb / 2P
   Silicon P-channel power MOSFET
logo
Fuji Electric
2SJ314-01L FUJI-2SJ314-01L Datasheet
146Kb / 3P
   P-CHANNEL SILICON POWER MOSFET
2SJ475-01 FUJI-2SJ475-01_06 Datasheet
300Kb / 4P
   P-CHANNEL SILICON POWER MOSFET
2SJ477-01MR FUJI-2SJ477-01MR_06 Datasheet
299Kb / 4P
   P-CHANNEL SILICON POWER MOSFET
logo
Dongguan Pingjingsemi T...
PJM3415PSC PJSEMI-PJM3415PSC Datasheet
6Mb / 6P
   Silicon P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com