Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T110A105M020AS0100 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T110A105M020AS0100
Description  T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T110A105M020AS0100 Datasheet(HTML) 5 Page - Kemet Corporation

  T110A105M020AS0100 Datasheet HTML 1Page - Kemet Corporation T110A105M020AS0100 Datasheet HTML 2Page - Kemet Corporation T110A105M020AS0100 Datasheet HTML 3Page - Kemet Corporation T110A105M020AS0100 Datasheet HTML 4Page - Kemet Corporation T110A105M020AS0100 Datasheet HTML 5Page - Kemet Corporation T110A105M020AS0100 Datasheet HTML 6Page - Kemet Corporation T110A105M020AS0100 Datasheet HTML 7Page - Kemet Corporation T110A105M020AS0100 Datasheet HTML 8Page - Kemet Corporation T110A105M020AS0100 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2031_T110_AXIAL_T212 • 9/20/2016
55
Tantalum Through-Hole Capacitors – Hermetically Sealed
T110 Series Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
Rated
Voltage
Rated
Cap
Case
Size
Code
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Dash Number Reference
KEMET
Equivalent
Military
Failure Rate Level (%/1,000 hours)
MIL–PRF–39003/1K
MIL–PRF–39003/1K
Exponential
Graded
VDC
µF
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
10
1.5
A
T110A155(1)010A(3)
0.3
4
10
1.8
A
T110A185(1)010A(3)
0.3
4
10
2.2
A
T110A225(1)010A(3)
0.3
4
10
2.7
A
T110A275(1)010A(3)
0.3
4
10
3.3
A
T110A335(1)010A(3)
0.3
4
10
3.9
A
T110A395J0010A(3)
0.3
4
5009
5209
5409
5609
4021
6021
7021
8021
T212A395J010(2)S
10
3.9
A
T110A395K0010A(3)
0.3
4
2253
2493
2733
2973
4022
6022
7022
8022
T212A395K010(2)S
10
3.9
A
T110A395M010A(3)
0.3
4
10
4.7
A
T110A475J010A(3)
0.4
4
5010
5210
5410
5610
4023
6023
7023
8023
T212A475J010(2)S
10
4.7
A
T110A475K010A(3)
0.4
4
2254
2494
2734
2974
4024
6024
7024
8024
T212A475K010(2)S
10
4.7
A
T110A475M010A(3)
0.4
4
2255
2495
2735
2975
4025
6025
7025
8025 T212A475M010(2)S
10
5.6
B
T110B565(1)010A(3)
0.4
4
10
6.8
B
T110B685(1)010A(3)
1.0
6
10
8.2
B
T110B825(1)010A(3)
1.0
6
10
10.0
B
T110B106(1)010A(3)
1.0
6
10
12.0
B
T110B126(1)010A(3)
1.0
6
10
15.0
B
T110B156(1)010A(3)
1.0
6
10
18.0
B
T110B186(1)010A(3)
1.0
6
10
22.0
B
T110B226(1)010A(3)
2.0
6
10
27.0
B
T110B276J010A(3)
2.0
6
5011
5211
5411
5611
4026
6026
7026
8026
T212B276J010(2)S
10
27.0
B
T110B276K010(3)
2.0
6
2256
2496
2736
2976
4027
6027
7027
8027
T212B276K010(2)S
10
27.0
B
T110B276M010A(3)
2.0
6
10
33.0
B
T110B336J010A(3)
2.0
6
5012
5212
5412
5612
4028
6028
7028
8028
T212B336J010(2)S
10
33.0
B
T110B336K010A(3)
2.0
6
2257
2497
2737
2977
4029
6029
7029
8029
T212B336K010(2)S
10
33.0
B
T110B336M010A(3)
2.0
6
2258
2498
2738
2978
4030
6030
7030
8030
T212B336M010(2)S
10
39.0
B
T110B396J010A(3)
2.0
6
5013
5213
5413
5613
4031
6031
7031
8031
T212B396J010(2)S
10
39.0
B
T110B396K010A(3)
2.0
6
2259
2499
2739
2979
4032
6032
7032
8032
T212B396K010(2)S
10
39.0
B
T110B396M010A(3)
2.0
6
10
47.0
C
T110C476(1)010A(3)
3.0
6
10
56.0
C
T110C566(1)010A(3)
3.0
6
10
68.0
C
T110C686(1)010A(3)
3.0
6
10
82.0
C
T110C826J010A(3)
3.0
6
5014
5214
5414
5614
4033
6033
7033
8033
T212C826J010(2)S
10
82.0
C
T110C826K010A(3)
3.0
6
2260
2500
2740
2980
4034
6034
7034
8034
T212C826K010(2)S
10
82.0
C
T110C826M010A(3)
3.0
6
10
100.0
C
T110C107J010AS
5.0
6
5015
5215
5415
5615
4035
6035
7035
8035
T212C107J010(2)S
10
100.0
C
T110C107K010AS
5.0
6
2261
2501
2741
2981
4036
6036
7036
8036
T212C107K010(2)S
10
100.0
C
T110C107M010AS
5.0
6
2262
2502
2742
2982
4037
6037
7037
8037
T212C107M010(2)S
10
120.0
C
T110C127J010AS
6.0
6
5016
5216
5416
5616
4038
6038
7038
8038
T212C127J010(2)S
10
120.0
C
T110C127K010A(3)
6.0
6
2263
2503
2743
2983
4039
6039
7039
8039
T212C127K010(2)S
10
120.0
C
T110C127M010A(3)
6.0
6
10
150.0
D
T110D157(1)010A(3)
9.0
6
10
180.0
D
T110D187J010A(3)
9.0
6
5017
5217
5417
5617
4040
6040
7040
8040
T212D187J010(2)S
10
180.0
D
T110D187K010A(3)
9.0
6
2264
2504
2744
2984
4041
6041
7041
8041
T212D187K010(2)S
10
180.0
D
T110D187M010A(3)
9.0
6
10
220.0
D
T110D227J010A(3)
10.0
8
5018
5218
5418
5618
4042
6042
7042
8042
T212D227J010(2)S
VDC
µF
Case
Size
Code
(see below for
part options)
µA at 25°C
Max/5 Minimum
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
Rated
Voltage
Rated
Cap
KEMET Part
Number
DC
Leakage
DF % at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET Part Number, insert M for ±20%, K for ±10%, or J for 5%. Designates capacitance tolerance.
(2) To complete KEMET Part Number (T212), insert Graded failure rate – A for Not Applicable, B for 0.1%/k hours, C for 0.01%/k hours, D for 0.001%/k
hours, or G for 1%/k hours; or insert Exponential failure rate – M for 1%/k hours, P for 0.1%/k hours, R for 0.01%/k hours, or S for 0.001%/k hours.
Designates Reliability Level.
(3) To complete KEMET Part Number (T110), insert Lead Material designator – S for Standard or T for 100% Matte Tin. Designates Termination finish.
Refer to Ordering Information for additional detail.


Similar Part No. - T110A105M020AS0100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110A105M035AT KEMET-T110A105M035AT Datasheet
57Kb / 1P
   T110, Tantalum, MnO2 Tantalum, Commercial Grade, 1 uF, 20%, 35 V, 8 Ohms
T110A105M050ASC KEMET-T110A105M050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110A105M050BSC KEMET-T110A105M050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110A105M050CSC KEMET-T110A105M050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110A105M050DSC KEMET-T110A105M050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T110A105M020AS0100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
logo
Vishay Siliconix
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
   Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
Glenair, Inc.
181-043-15 GLENAIR-181-043-15 Datasheet
215Kb / 1P
   MIL-PRF-29504/18 Type Terminus
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com