Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2275R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT2275R
Description  Silicon N Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2275R Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2275R Datasheet HTML 1Page - Renesas Technology Corp HAT2275R Datasheet HTML 2Page - Renesas Technology Corp HAT2275R Datasheet HTML 3Page - Renesas Technology Corp HAT2275R Datasheet HTML 4Page - Renesas Technology Corp HAT2275R Datasheet HTML 5Page - Renesas Technology Corp HAT2275R Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HAT2275R
R07DS1370EJ0401 Rev.4.01
Page 3 of 4
Jan 20, 2017
Main Characteristics
Gate Charge
Qg (nc)
Dynamic Input Characteristics
100
80
60
40
20
0
20
16
12
8
4
8
1624
3240
0
I
= 6.6 A
D
VGS
VDS
V
= 50 V
25 V
10 V
DD
V
= 50 V
25 V
10 V
DD
Ambient Temperature
Ta (°C)
Power vs. Temperature Derating
4.0
3.0
2.0
1.0
0
50
100
150
200
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW < 10 s
2 Drive
Operation
1 Drive
Operation


Similar Part No. - HAT2275R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2275R RENESAS-HAT2275R Datasheet
136Kb / 2P
   Power MOSFETs and IGBT for PDP
More results

Similar Description - HAT2275R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com