Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR12FM-14LB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR12FM-14LB
Description  700V - 12A - Triac
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR12FM-14LB Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR12FM-14LB_17 Datasheet HTML 1Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 2Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 3Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 4Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 5Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 6Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 7Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 8Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BCR12FM-14LB
Data Sheet
R07DS1064EJ0300 Rev.3.00
Page 4 of 8
Apr 14, 2017
Allowable Ambient Temperature vs.
Maximum Transient Thermal Impedance
Characteristics (Junction to ambient)
Conduction Time (Cycles at 60Hz)
RMS On-State Current (A)
Maximum On-State Power Dissipation
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
103
10- 1
103
104
102
7
5
3
2
100
7
5
3
2
101
7
5
3
2
7
5
3
2
10123 57
23 57
102
105
23 57
23 57
16
12
6
4
2
14
10
8
0
16
0
24
8
6101214
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
102
- 60
- 20
20
60
100
140
- 40
04080
120
160
No Fins
360° Conduction
Resistive,
inductive loads
Typical Example
RMS On-State Current
RMS On-State Current (A)
160
120
100
60
20
0
4.0
0
0.5
1.5
2.5
3.5
40
80
140
1.0
2.0
3.0
Natural convection
No Fins
Curves apply regardless
of conduction angle
Resistive, inductive loads
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
160
120
100
60
20
0
16
0
26
10
14
40
80
140
48
12
Curves apply regardless
of conduction angle
360 Conduction
Resistive,
inductive loads
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
160
120
100
60
20
0
16
0
26
10
14
40
80
140
48
12
All fins are black painted
aluminum and greased
100 ×100 ×t2.3
60 ×60 ×t2.3
Curves apply
regardless of
conduction angle
Resistive,
inductive loads
Natural convection
#BB0
#BG0,#FG0,#FA0
#BB0
#BG0,#FG0,#FA0


Similar Part No. - BCR12FM-14LB_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12FM-14LB RENESAS-BCR12FM-14LB_15 Datasheet
125Kb / 8P
   700V - 12A - Triac Medium Power Use
More results

Similar Description - BCR12FM-14LB_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12FM-14LB RENESAS-BCR12FM-14LB Datasheet
133Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14LJ RENESAS-BCR12FM-14LJ Datasheet
105Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12LM-14LJ RENESAS-BCR12LM-14LJ_15 Datasheet
110Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12LM-14LJ RENESAS-BCR12LM-14LJ Datasheet
110Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14LC RENESAS-BCR12FM-14LC Datasheet
514Kb / 9P
   700V - 12A - Triac Medium Power Use
Feb. 19, 2019
BCR12FM-14LB RENESAS-BCR12FM-14LB_15 Datasheet
125Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14LJ RENESAS-BCR12FM-14LJ_15 Datasheet
105Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14RA RENESAS-BCR12FM-14RA Datasheet
468Kb / 7P
   700V - 12A - Triac Medium Power Use
Oct. 10, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com