Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNS653-MU Datasheet(PDF) 7 Page - Artesyn Technologies

Part # CNS653-MU
Description  Type BF ready
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CNS653-MU Datasheet(HTML) 7 Page - Artesyn Technologies

  CNS653-MU Datasheet HTML 1Page - Artesyn Technologies CNS653-MU Datasheet HTML 2Page - Artesyn Technologies CNS653-MU Datasheet HTML 3Page - Artesyn Technologies CNS653-MU Datasheet HTML 4Page - Artesyn Technologies CNS653-MU Datasheet HTML 5Page - Artesyn Technologies CNS653-MU Datasheet HTML 6Page - Artesyn Technologies CNS653-MU Datasheet HTML 7Page - Artesyn Technologies CNS653-MU Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CNS650-M Series Data Sheet
Performance Curves
Level B
Figure 1. Output Power vs. Ambient Temperature at Natural Convection and
Forced Air Cooling
Figure 2. Output Power vs. Input Line at Natural Convection and Forced
Air Cooling
Figure 3. Typical Efficiency for 12 V Output
Figure 4. Typical Efficiency for 24 V Output
Figure 5. Typical Efficiency for 48 V Output
0
100
200
300
400
500
600
700
0
10
20
30
40
50
60
70
80
90
Ambient Temperature [°C]
Output Power Derating
Convection (MF)
Convection (MU)
400 LFM (MF/MU)
200 LFM (MF/MU)
ME (End Fan)
0
100
200
300
400
500
600
700
90
110
130
150
170
190
210
230
250
270
AC Input Line [Vac]
Output Power VS. Input Line
Convection (MF)
Convection (MU)
400 LFM (MF/MU)
200 LFM (MF/MU)
ME (End Fan)
89%
90%
91%
92%
93%
94%
95%
96%
0
0.2
0.4
0.6
0.8
1
Output Load (% of 650W)
CNS653‐Mx (12V) Efficiency Curve
115 VAC
230 VAC
89%
90%
91%
92%
93%
94%
95%
96%
0
0.2
0.4
0.6
0.8
1
Output Load (% of 650W)
CNS655‐Mx (24V) Efficiency Curve
115 VAC
230 VAC
89%
90%
91%
92%
93%
94%
95%
96%
0
0.2
0.4
0.6
0.8
1
Output Load (% of 650W)
CNS658‐Mx (48V) Efficiency Curve
115 VAC
230 VAC
Figure 6. Estimated Product Useful Life Based on C40 Case Temperature
0
25
50
75
100
125
150
75
80
85
90
95
100
105
110
C40 Temperature [°C]
Estimated Service Life vs. Component Temp
Esimated Life
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1
LOAD
CNS653-ME Fan Noise vs. Load
Figure 7. CNS653-ME (End Fan) typical audible noise level vs. Output
Load at 90 VAC, ~30 °C Ambient.


Similar Part No. - CNS653-MU

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CNS653-MU ARTESYN-CNS653-MU Datasheet
1Mb / 8P
   650 Watt AC-DC Power Supplies
More results

Similar Description - CNS653-MU

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E8110-030-01 PULSE-E8110-030-01 Datasheet
159Kb / 2P
   USB 3.0 MICRO BF SMD TYPE
logo
Knowles Electronics
BF-1923-000 KNOWLES-BF-1923-000 Datasheet
67Kb / 1P
   BF DAMPER
logo
Pulse A Technitrol Comp...
E8110-032-01 PULSE-E8110-032-01 Datasheet
98Kb / 1P
   USB 3.0 MACRO BF SMD TYPE
logo
Knowles Electronics
BF-1859-000 KNOWLES-BF-1859-000 Datasheet
67Kb / 1P
   BF DAMPER
BF-1861-000 KNOWLES-BF-1861-000 Datasheet
67Kb / 1P
   BF DAMPER
logo
List of Unclassifed Man...
TCA940 ETC1-TCA940 Datasheet
334Kb / 9P
   AF AMPLIFIER AMPLIFICATEUR BF
logo
PHOENIX CONTACT
2976077 PHOENIX-2976077 Datasheet
50Kb / 2P
   Mounting flange - UMK- BF
logo
Abracon Corporation
ABM8AIG ABRACON-ABM8AIG Datasheet
5Mb / 4P
   PPAP ready and supported
12.09.15
logo
Molex Electronics Ltd.
130170-0019 MOLEX11-130170-0019 Datasheet
30Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer
logo
Pulse A Technitrol Comp...
E8110-033-01 PULSE-E8110-033-01 Datasheet
90Kb / 1P
   USB 3.0 MACRO BF SMD SHORT BODY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com