Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS100-M Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPS100-M
Description  EN61000-3-2 compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS100-M Datasheet(HTML) 1 Page - Artesyn Technologies

  LPS100-M Datasheet HTML 1Page - Artesyn Technologies LPS100-M Datasheet HTML 2Page - Artesyn Technologies LPS100-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LPS100-M Series
150 Watts
Total Power: 80 - 150 Watts
Input Voltage: 90 - 264 Vac
120 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Medical and ITE safety approvals,
2X MOPP
ƒ
Active power factor correction
ƒ
2” x 4” footprint
ƒ
Less than 1U high
ƒ
EN61000-3-2 compliant
ƒ
Remote sense
ƒ
Power fail
ƒ
Adjustable main output
ƒ
Built-in Class B EMI filter
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
Isolated 12 V fan output
ƒ
LPX100 Enclosure kit available
ƒ
POE isolation on main output of
LPS109-M
SAFETY
ƒ
TUV
60950, 60601-1
ƒ
UL
60950, 60601-1
ƒ
cULus
60950, 60601-1
ƒ
CB
Certificate & report
ƒ
CE
Mark (LVD)
ƒ
CQC
Mark
Electrical Specifications
Input
Input range
90 - 264 Vac; 120 - 300 Vdc
Frequency
47 - 63 Hz
Inrush current
50 A max., cold start @ 25 °C
Efficiency
88% typical at full load
EMI/RFI
FCC Class B conducted; CISPR22 Class B conducted;
EN55022 Class B conducted; VDE0878PT3 Class B conducted
Safety ground leakage
current
275 μA @ 50/60 Hz, 264 Vac input
Output
Maximum power
100 W for convection (80 W for LPS102-M);
150 W with 30 CFM forced air (120 W for LPS102-M)
Adjustment range
± 10% minimum on the main outputs
Fan output
12 V @ 1 A isolated, ± 10%
Hold-up time
10 ms @ 150 W load, 120 Vac input
Overload protection
Short circuit protection on all outputs. Case overload
protected @ 110-160% above rating
Overvoltage protection
15-35% above nominal output
Logical Control
Power failure
Open collector logic signal goes high 100-500 msec after main output;
it goes low at least 6 msec before loss of regulation
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote
sense connected. Reverse connection protected.
Data Sheet


Similar Part No. - LPS100-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
618Kb / 3P
   Medical and ITE safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
643Kb / 3P
   150 Watts Medical and ITE safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
419Kb / 3P
   150 Watts
LPS100-M EMERSON-NETWORKPOWER-LPS100-M_09 Datasheet
643Kb / 3P
   150 Watts Medical and ITE safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M_10 Datasheet
419Kb / 3P
   150 Watts
More results

Similar Description - LPS100-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPT100-M ARTESYN-LPT100-M Datasheet
664Kb / 4P
   EN61000-3-2 compliant
logo
SynQor Worldwide Headqu...
AQ1100IUXX SYNQOR-AQ1100IUXX Datasheet
2Mb / 8P
   Active PFC; EN61000-3-2 compliant
logo
Emerson Network Power
NLP250MEDICAL EMERSON-NETWORKPOWER-NLP250MEDICAL_09 Datasheet
1Mb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250 EMERSON-NETWORKPOWER-NLP250_10 Datasheet
573Kb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250MEDICAL EMERSON-NETWORKPOWER-NLP250MEDICAL Datasheet
443Kb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
444Kb / 4P
   Active PFC and EN61000-3-2 compliant
logo
Power-One
MPU150 POWER-ONE-MPU150 Datasheet
156Kb / 4P
   Power Factor Correction (PFC) Meets EN61000-3-2
logo
Sparkle Power Inc.
FSP250-60SBV SPI-FSP250-60SBV Datasheet
309Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP400-60WAP SPI-FSP400-60WAP Datasheet
95Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
logo
Power-One
MPB80 POWER-ONE-MPB80 Datasheet
72Kb / 4P
   Power Factor Correction (PFC) Meets EN61000-3-2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com