Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERM00B18B Datasheet(PDF) 4 Page - Artesyn Technologies

Part # ERM00B18B
Description  Fire potection meets EN45545-2
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ERM00B18B Datasheet(HTML) 4 Page - Artesyn Technologies

  ERM00B18B Datasheet HTML 1Page - Artesyn Technologies ERM00B18B Datasheet HTML 2Page - Artesyn Technologies ERM00B18B Datasheet HTML 3Page - Artesyn Technologies ERM00B18B Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ERM 10W Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2017 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
ERM10 Series 09an2017
Notes:
1. All specifications are subject to change without notice. Mechanical drawings are for reference only.
2. Warranty: 3 years
3. Label and logo appearance may vary from what is shown on mechanical drawings.
Physical Characteristics
Heatsink Material
Aluminum
Finish
Black Anodized Coating
Weight
9 g
The advantages of adding a heatsink are:
1. To help heat dissipation and increase the stability and
reliability of DC/DC converters at high operating
temperature atmosphere.
2. To upgrade the operating temperature of DC/DC
converters, please refer to Derating Curve.
Mechanical Drawings
Heatsink for ERMxxxxxB Models (Option - HS)
Heatsink for ERMxxxxx Models (Option - HS)
31.0 [1.22]Max
Heat-sink
Thermal pad
Clamp
Converter
18.0 [0.71]Max
31.0 [1.22]Max
Heat-sink
Thermal pad
Clamp
Converter
18.0 [0.71]Max


Similar Part No. - ERM00B18B

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ERM01A ETA-USA-ERM01A Datasheet
587Kb / 4P
   15 WATT AC/DC CONVERTER
logo
Artesyn Technologies
ERM02H110 ARTESYN-ERM02H110 Datasheet
442Kb / 2P
   Total Power: 50 W
ERM02H72 ARTESYN-ERM02H72 Datasheet
442Kb / 2P
   Total Power: 50 W
logo
ETA-USA
ERM03A ETA-USA-ERM03A Datasheet
587Kb / 4P
   15 WATT AC/DC CONVERTER
logo
Artesyn Technologies
ERM03C110 ARTESYN-ERM03C110 Datasheet
442Kb / 2P
   Total Power: 50 W
More results

Similar Description - ERM00B18B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
   Fire Command Center, Fire Annunciator
logo
Vishay Siliconix
VS-30MQ040HM3 VISHAY-VS-30MQ040HM3 Datasheet
128Kb / 6P
   Meets JESD 201 class 2 whisker test
Revision: 02-Apr-15
logo
Power-One
MPU150 POWER-ONE-MPU150 Datasheet
156Kb / 4P
   Power Factor Correction (PFC) Meets EN61000-3-2
MPB80 POWER-ONE-MPB80 Datasheet
72Kb / 4P
   Power Factor Correction (PFC) Meets EN61000-3-2
logo
Astec America, Inc
ALO20F36 ASTEC-ALO20F36 Datasheet
118Kb / 2P
   Meets Basic Insulation
logo
Laird Tech Smart Techno...
QR-13AF LSTD-QR-13AF Datasheet
201Kb / 2P
   Fire retardant
logo
List of Unclassifed Man...
D1257 ETC2-D1257 Datasheet
121Kb / 2P
   Fire Annunciator
logo
3M Electronics
E-54A 3M-E-54A Datasheet
157Kb / 3P
   Fire Protection Products
logo
Schneider Electric
SSP030DRSE10 SCHNEIDER-SSP030DRSE10 Datasheet
81Kb / 1P
   Video/Security/Fire
12-Feb-2023
logo
Honeywell Solid State E...
GWF402 HONEYWELL-GWF402 Datasheet
72Kb / 2P
   2 and 4 Zone Conventional Fire Alarm Control Panels
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com