Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T110A105M060AT7200 Datasheet(PDF) 9 Page - Kemet Corporation

Part # T110A105M060AT7200
Description  T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T110A105M060AT7200 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T110A105M060AT7200 Datasheet HTML 5Page - Kemet Corporation T110A105M060AT7200 Datasheet HTML 6Page - Kemet Corporation T110A105M060AT7200 Datasheet HTML 7Page - Kemet Corporation T110A105M060AT7200 Datasheet HTML 8Page - Kemet Corporation T110A105M060AT7200 Datasheet HTML 9Page - Kemet Corporation T110A105M060AT7200 Datasheet HTML 10Page - Kemet Corporation T110A105M060AT7200 Datasheet HTML 11Page - Kemet Corporation T110A105M060AT7200 Datasheet HTML 12Page - Kemet Corporation T110A105M060AT7200 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2031_T110_AXIAL_T212 • 9/20/2016
99
Tantalum Through-Hole Capacitors – Hermetically Sealed
T110 Series Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
Rated
Voltage
Rated
Cap
Case
Size
Code
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Dash Number Reference
KEMET
Equivalent
Military
Failure Rate Level (%/1,000 hours)
MIL–PRF–39003/1K
MIL–PRF–39003/1K
Exponential
Graded
VDC
µF
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
35
0.047
A
T110A473(1)035A(3)
0.1
3
35
0.056
A
T110A563(1)035A(3)
0.1
3
35
0.068
A
T110A683(1)035A(3)
0.1
3
35
0.082
A
T110A823(1)035A(3)
0.1
3
35
0.1
A
T110A104(1)035A(3)
0.5
3
35
0.12
A
T110A124(1)035A(3)
0.5
3
35
0.15
A
T110A154(1)035A(3)
0.5
3
35
0.18
A
T110A184(1)035A(3)
0.5
3
35
0.22
A
T110A224(1)035A(3)
0.5
3
35
0.27
A
T110A274(1)035A(3)
0.5
3
35
0.33
A
T110A334(1)035A(3)
0.5
3
35
0.39
A
T110A394(1)035A(3)
0.5
3
35
0.47
A
T110A474(1)035A(3)
0.5
3
35
0.56
A
T110A564(1)035A(3)
0.5
3
35
0.68
A
T110A684(1)035A(3)
0.5
3
35
0.82
A
T110A824(1)035A(3)
0.5
3
35
1.0
A
T110A105(1)035A(3)
0.5
6
35
1.2
B
T110B125(1)035A(3)
0.5
4
35
1.5
B
T110B155(1)035A(3)
0.5
4
35
1.8
B
T110B185(1)035A(3)
0.5
4
35
2.2
B
T110B225(1)035A(3)
1.0
4
35
2.7
B
T110B275(1)035A(3)
1.0
4
35
3.3
B
T110B335(1)035A(3)
1.0
4
35
3.9
B
T110B395(1)035A(3)
1.0
4
35
4.7
B
T110B475(1)035A(3)
1.0
4
35
5.6
B
T110B565J035A(3)
1.0
4
5043
5243
5443
5643
4105
6105
7105
8105
T212B565J035(2)S
35
5.6
B
T110B565K035A(3)
1.0
4
2303
2543
2783
3023
4106
6106
7106
8106
T212B565K035(2)S
35
5.6
B
T110B565M035A(3)
1.0
4
35
6.8
B
T110B685J035A(3)
1.5
4
5044
5244
5444
5644
4107
6107
7107
8107
T212B685J035(2)S
35
6.8
B
T110B685K035A(3)
1.5
4
2304
2544
2784
3024
4108
6108
7108
8108
T212B685K035(2)S
35
6.8
B
T110B685M035A(3)
1.5
6
2305
2545
2785
3025
4109
6109
7109
8109
T212B685M035(2)S
35
8.2
C
T110C825(1)035A(3)
3.0
4
35
10.0
C
T110C106(1)035A(3)
3.0
4
35
12.0
C
T110C126(1)035A(3)
3.0
4
35
15.0
C
T110C156(1)035A(3)
3.0
4
35
18.0
C
T110C186(1)035A(3)
3.0
4
35
22.0
C
T110C226J035A(3)
4.0
4
5045
5245
5445
5645
4110
6110
7110
8110
T212C226J035(2)S
35
22.0
C
T110C226K035A(3)
4.0
4
2306
2546
2786
3026
4111
6111
7111
8111
T212C226K035(2)S
35
22.0
C
T110C226M035A(3)
4.0
4
2307
2547
2787
3027
4112
6112
7112
8112
T212C226M035(2)S
35
27.0
D
T110D276J035A(3)
4.5
4
5046
5246
5446
5646
4113
6113
7113
8113
T212D276J035(2)S
35
27.0
D
T110D276K035A(3)
4.5
4
2308
2548
2788
3028
4114
6114
7114
8114
T212D276K035(2)S
35
27.0
D
T110D276M035A(3)
4.5
4
35
33.0
D
T110D336J035A(3)
5.5
4
5047
5247
5447
5647
4115
6115
7115
8115
T212D336J035(2)S
35
33.0
D
T110D336K035A(3)
5.5
4
2309
2549
2789
3029
4116
6116
7116
8116
T212D336K035(2)S
35
33.0
D
T110D336M035A(3)
5.5
4
2310
2550
2790
3030
4117
6117
7117
8117
T212D336M035(2)S
VDC
µF
Case
Size
Code
(see below for
part options)
µA at 25°C
Max/5 Minimum
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
Rated
Voltage
Rated
Cap
KEMET Part
Number
DC
Leakage
DF % at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET Part Number, insert M for ±20%, K for ±10%, or J for 5%. Designates capacitance tolerance.
(2) To complete KEMET Part Number (T212), insert Graded failure rate – A for Not Applicable, B for 0.1%/k hours, C for 0.01%/k hours, D for 0.001%/k
hours, or G for 1%/k hours; or insert Exponential failure rate – M for 1%/k hours, P for 0.1%/k hours, R for 0.01%/k hours, or S for 0.001%/k hours.
Designates Reliability Level.
(3) To complete KEMET Part Number (T110), insert Lead Material designator – S for Standard or T for 100% Matte Tin. Designates Termination finish.
Refer to Ordering Information for additional detail.


Similar Part No. - T110A105M060AT7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110A105M035AT KEMET-T110A105M035AT Datasheet
57Kb / 1P
   T110, Tantalum, MnO2 Tantalum, Commercial Grade, 1 uF, 20%, 35 V, 8 Ohms
T110A105M050ASC KEMET-T110A105M050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110A105M050BSC KEMET-T110A105M050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110A105M050CSC KEMET-T110A105M050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110A105M050DSC KEMET-T110A105M050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T110A105M060AT7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
logo
Vishay Siliconix
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
   Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
Glenair, Inc.
181-043-15 GLENAIR-181-043-15 Datasheet
215Kb / 1P
   MIL-PRF-29504/18 Type Terminus
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com