Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBA-20 Datasheet(PDF) 1 Page - Mini-Circuits

Part # KBA-20
Description  Surface Mount Frequency Doublers 1.6 to 4.8 GHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KBA-20 Datasheet(HTML) 1 Page - Mini-Circuits

  KBA-20 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• low conversion loss, 12 dB typ.
• solder plated leads for strain relief
and excellent solderability
Applications
• synthesizers
• local oscillators
BLUE CELL™ is protected by U.S. Patents 5,534,830 5,640,132
5,640,134 5,640,699
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Pin Connections
MODEL
KBA-20
KBA-40
INPUT
10
10
OUTPUT
5
6
SAMPLE*
3
50
Ω TERMINATED
1
GROUND
1,2,4,6,7,8,9
2,3,4,5,7,8,9
Outline Dimensions (
)
inch
mm
Outline Drawing
KBA-20 Demo Board MCL P/N: TB-99
Suggested PCB Layout (PL-066)
A
B
C
D
E
F
GH
J
K
L
M
N
P
QR
wt.
.250
.300
.070
.290
.050
.015
.050
.060
.030
.080
.300
.100
.020
.015
.070
.014 grams
6.35
7.62
1.78
7.37
1.27
.38
1.27
1.52
0.76
2.03
7.52
2.54
0.51
.38
1.78
.36
.3
KBA-40 Demo Board MCL P/N: TB-74
Suggested PCB Layout (PL-067)
Frequency Doubler Electrical Specifications
CONVERSION LOSS
(dB)
FREQUENCY
(GHz)
Typ. Max.
MODEL
NO.
Input
HARMONIC OUTPUT
(dBc)
F1
Typ. Min.
Output
Input Freq.
F3
Typ. Min.
F4
Typ. Min.
INPUT
POWER
(dBm)
Min.
Max.
KBA-20
1.6 - 2.2
3.2 - 4.4
11
15
1.6-2.2
12
15.8
12
7
20
13
23
10
KBA-40
2.7-4.8
5.4-9.6
10
16
2.7-4.8
12.3 17.6
18
10
26
15
24
14
5
10
2.7-4.8
13
19
15
8
26
16
26
12
*sample port output power, -10 dBc typ.
Terminate in 50 ohms if not used.
CASE STYLE: SM2
MODEL
PRICE
QTY
KBA-20
$9.95 ea.
(10-49)
KBA-40
$14.95 ea. (1-9)
KBA-20 • KBA-40
Frequency Doublers
1.6 to 4.8 GHz
Surface Mount
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
REV. B
M85482
KBA-20
KBA-40
RD/LC/TC
030212


Similar Part No. - KBA-20

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KBA-40 MINI-KBA-40 Datasheet
138Kb / 1P
   Fixed Attenuator
KBA-40++ MINI-KBA-40+ Datasheet
138Kb / 1P
   Fixed Attenuator
More results

Similar Description - KBA-20

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
D-1505 MARKIMICROWAVE-D-1505 Datasheet
147Kb / 2P
   FREQUENCY DOUBLERS
logo
Merrimac Industries, In...
FDF-4C-750 MERRIMAC-FDF-4C-750 Datasheet
237Kb / 2P
   FREQUENCY DOUBLERS
logo
Marki Microwave
D-0308 MARKIMICROWAVE-D-0308 Datasheet
155Kb / 2P
   FREQUENCY DOUBLERS
logo
API Technologies Corp
X2 APITECH-X2 Datasheet
161Kb / 1P
   Passive Frequency Doublers
logo
Mini-Circuits
KC2-11 MINI-KC2-11 Datasheet
196Kb / 1P
   Surface Mount Frequency Multiplier Output 1.0 to 2.2 GHz
KC2-36 MINI-KC2-36 Datasheet
153Kb / 1P
   Surface Mount Frequency Multiplier Output 3.4 to 7.2 GHz
KC2-19 MINI-KC2-19 Datasheet
146Kb / 1P
   Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz
logo
Kingbright Corporation
APTF1616SEEZGQBDC KINGBRIGHT-APTF1616SEEZGQBDC Datasheet
309Kb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APTF1616SEEZGKQBKC TO-GRACE-APTF1616SEEZGKQBKC Datasheet
1Mb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
KPTF-1616RGBC-11 TO-GRACE-KPTF-1616RGBC-11 Datasheet
1,013Kb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com