Electronic Components Datasheet Search |
|
T110D105M020AS7200 Datasheet(PDF) 6 Page - Kemet Corporation |
|
T110D105M020AS7200 Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2031_T110_AXIAL_T212 • 9/20/2016 66 Tantalum Through-Hole Capacitors – Hermetically Sealed T110 Series Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style) Rated Voltage Rated Cap Case Size Code KEMET Part Number DC Leakage DF % at 25°C MIL–PRF–39003 (CSR13) Capacitors Dash Number Reference KEMET Equivalent Military Failure Rate Level (%/1,000 hours) MIL–PRF–39003/1K MIL–PRF–39003/1K Exponential Graded VDC µF (See below for part options) µA at 25°C Max/5 Minutes 120 Hz Maximum M (1.0) P (0.1) R (0.01) S (0.001) G (1.0) B (0.1) C (0.01) D (0.001) Part Number 10 220.0 D T110D227K010A(3) 10.0 8 2265 2505 2745 2985 4043 6043 7043 8043 T212D227K010(2)S 10 220.0 D T110D227M010A(3) 10.0 8 2266 2506 2746 2986 4044 6044 7044 8044 T212D227M010(2)S 15 0.33 A T110A334(1)015A(3) 0.3 3 15 0.39 A T110A394(1)015A(3) 0.3 3 15 0.47 A T110A474(1)015A(3) 0.3 3 15 0.56 A T110A564(1)015A(3) 0.3 3 15 0.68 A T110A684(1)015A(3) 0.3 3 15 1.0 A T110A105(1)015A(3) 0.3 3 15 1.2 A T110A125(1)015A(3) 0.3 3 15 1.5 A T110A155(1)015A(3) 0.3 4 15 1.8 A T110A185(1)015A(3) 0.3 4 15 2.2 A T110A225(1)015A(3) 0.3 4 15 2.7 A T110A275J015A(3) 0.3 4 5019 5219 5419 5619 4045 6045 7045 8045 T212A275J015(2)S 15 2.7 A T110A275K015A(3) 0.3 4 2267 2507 2747 2987 4046 6046 7046 8046 T212A275K015(2)S 15 2.7 A T110A275M015A(3) 0.3 4 15 3.3 A T110A335J015A(3) 0.4 4 5020 5220 5420 5620 4047 6047 7047 8047 T212A335J015(2)S 15 3.3 A T110A335K015A(3) 0.4 4 2268 2508 2748 2988 4048 6048 7048 8048 T212A335K015(2)S 15 3.3 A T110A335M015A(3) 0.4 4 2269 2509 2749 2989 4049 6049 7049 8049 T212A335M015(2)S 15 3.9 B T110B395(1)015A(3) 0.4 4 15 4.7 B T110B475(1)015A(3) 0.7 4 15 5.6 B T110B565(1)015A(3) 0.7 4 15 6.8 B T110B685(1)015A(3) 0.7 6 15 8.2 B T110B825(1)015A(3) 0.7 6 15 10.0 B T110B106(1)015A(3) 1.0 6 15 12.0 B T110B126(1)015A(3) 1.0 6 15 15.0 B T110B156(1)015A(3) 2.0 6 15 18.0 B T110B186015A(3) 2.0 6 5021 5221 5421 5621 4050 6050 7050 8050 T212B186J015(2)S 15 18.0 B T110B186K015A(3) 2.0 6 2270 2510 2750 2990 4051 6051 7051 8051 T212B186K015(2)S 15 18.0 B T110B186M015A(3) 2.0 6 15 22.0 B T110B226J015A(3) 2.0 6 5022 5222 5422 5622 4052 6052 7052 8052 T212B226J015(2)S 15 22.0 B T110B226K015A(3) 2.0 6 2271 2511 2751 2991 4053 6053 7053 8053 T212B226K015(2)S 15 22.0 B T110B226M015A(3) 2.0 6 2272 2512 2752 2992 4054 6054 7054 8054 T212B226M015(2)S 15 27.0 C T110C276(1)015A(3) 3.0 6 15 33.0 C T110C336(1)015A(3) 3.0 6 15 39.0 C T110C396(1)015A(3) 3.0 6 15 47.0 C T110C476(1)015A(3) 4.0 6 15 56.0 C T110C566J015A(3) 4.0 6 5023 5223 5423 5623 4055 6055 7055 8055 T212C566J015(2)S 15 56.0 C T110C566K015A(3) 4.0 6 2273 2513 2753 2993 4056 6056 7056 8056 T212C566K015(2)S 15 56.0 C T110C566M015A(3) 4.0 6 15 68.0 C T110C686J015A(3) 5.0 6 5024 5224 5424 5624 4057 6057 7057 8057 T212C686J015(2)S 15 68.0 C T110C686K015A(3) 5.0 6 2274 2514 2754 2994 4058 6058 7058 8058 T212C686K015(2)S 15 68.0 C T110C686M015A(3) 5.0 6 2275 2515 2755 2995 4059 6059 7059 8059 T212C686M015(2)S 15 82.0 D T110D826(1)015A(3) 6.0 6 15 100.0 D T110D107(1)015A(3) 6.0 6 15 120.0 D T110D127J015A(3) 6.0 6 5025 5225 5425 5625 4060 6060 7060 8060 T212D127J015(2)S VDC µF Case Size Code (see below for part options) µA at 25°C Max/5 Minimum 120 Hz Maximum M (1.0) P (0.1) R (0.01) S (0.001) G (1.0) B (0.1) C (0.01) D (0.001) Part Number Rated Voltage Rated Cap KEMET Part Number DC Leakage DF % at 25°C MIL–PRF–39003 (CSR13) Capacitors Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET Part Number, insert M for ±20%, K for ±10%, or J for 5%. Designates capacitance tolerance. (2) To complete KEMET Part Number (T212), insert Graded failure rate – A for Not Applicable, B for 0.1%/k hours, C for 0.01%/k hours, D for 0.001%/k hours, or G for 1%/k hours; or insert Exponential failure rate – M for 1%/k hours, P for 0.1%/k hours, R for 0.01%/k hours, or S for 0.001%/k hours. Designates Reliability Level. (3) To complete KEMET Part Number (T110), insert Lead Material designator – S for Standard or T for 100% Matte Tin. Designates Termination finish. Refer to Ordering Information for additional detail. |
Similar Part No. - T110D105M020AS7200 |
|
Similar Description - T110D105M020AS7200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |