Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FS3A6783A01CFM Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R7FS3A6783A01CFM
Description  Synergy Microcontrollers
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FS3A6783A01CFM Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R7FS3A6783A01CFM Datasheet HTML 2Page - Renesas Technology Corp R7FS3A6783A01CFM Datasheet HTML 3Page - Renesas Technology Corp R7FS3A6783A01CFM Datasheet HTML 4Page - Renesas Technology Corp R7FS3A6783A01CFM Datasheet HTML 5Page - Renesas Technology Corp R7FS3A6783A01CFM Datasheet HTML 6Page - Renesas Technology Corp R7FS3A6783A01CFM Datasheet HTML 7Page - Renesas Technology Corp R7FS3A6783A01CFM Datasheet HTML 8Page - Renesas Technology Corp R7FS3A6783A01CFM Datasheet HTML 9Page - Renesas Technology Corp R7FS3A6783A01CFM Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 129 page
background image
R01DS0308EU0100 Rev.1.00
Page 6 of 129
Apr 4, 2017
S3A6 Group MCUs
1. Overview
Table 1.3
System (1 of 2)
Feature
Functional description
Operating mode
Two operating modes:
- Single-chip mode
- SCI/USB boot mode.
See section 3, Operating Modes in User’s Manual.
Reset
14 types of resets:
 RES pin reset
 Power-on reset
 VBATT selected voltage power on reset
 Independent watchdog timer reset
 Watchdog timer reset
 Voltage monitor 0 reset
 Voltage monitor 1 reset
 Voltage monitor 2 reset
 SRAM parity error reset
 SRAM ECC error reset
 Bus master MPU error reset
 Bus slave MPU error reset
 Stack pointer error reset
 Software reset.
See section 5, Resets in User’s Manual.
Low Voltage Detection (LVD)
The Low Voltage Detection (LVD) monitors the voltage level input to the VCC pin, and the
detection level can be selected using a software program. See section 7, Low Voltage
Detection (LVD) in User’s Manual.
Clock
 Main clock oscillator (MOSC)
 Sub-clock oscillator (SOSC)
 High-speed on-chip oscillator (HOCO)
 Middle-speed on-chip oscillator (MOCO)
 Low-speed on-chip oscillator (LOCO)
 PLL frequency synthesizer
 Independent watchdog timer on-chip oscillator
 Clock out support.
See section 8, Clock Generation Circuit in User’s Manual.
Clock Frequency Accuracy
Measurement Circuit (CAC)
The Clock Frequency Accuracy Measurement Circuit (CAC) is used to check the system clock
frequency with a reference clock signal by counting the number of pulses of the system clock
to be measured. The reference clock can be provided externally through a CACREF pin or
internally from various on-chip oscillators.
Event signals can be generated when the clock does not match or measurement ends.
This feature is particularly useful in implementing a fail-safe mechanism for home and
industrial automation applications.
See section 9, Clock Frequency Accuracy Measurement Circuit (CAC) in User’s Manual.
Interrupt Controller Unit (ICU)
The Interrupt Controller Unit (ICU) controls which event signals are linked to the NVIC/DTC
module and DMAC module. The ICU also controls NMI interrupts. See section 13, Interrupt
Controller Unit (ICU) in User's Manual.
Key Interrupt Function (KINT)
A key interrupt can be generated by setting the Key Return Mode register (KRM) and inputting
a rising or falling edge to the key interrupt input pins. See section 20, Key Interrupt Function
(KINT) in User's Manual.
Low Power Mode
Power consumption can be reduced in multiple ways, including setting clock dividers, stopping
modules, selecting power control mode in normal operation, and transitioning to low power
modes. See section 10, Low Power Modes in User's Manual.
Battery Backup Function
A battery backup function is provided for partial powering by a battery. The battery powered
area includes RTC, SOSC, LOCO, Wakeup Control, Backup Memory, VBATT_R Low Voltage
Detection, and switch between VCC and VBATT.
During normal operation, the battery powered area is powered by the main power supply, the
VCC pin. When a VCC voltage drop is detected, the power source is switched to the dedicated
battery backup power pin, the VBATT pin.
When the voltage rises again, the power source is switched from the VBATT pin to the VCC
pin. See section 11, Battery Backup Function in User's Manual.
Register Write Protection
The register write protection function protects important registers from being overwritten due to
software errors. See section 12, Register Write Protection in User's Manual.


Similar Part No. - R7FS3A6783A01CFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FS3A37A2A01CBJ RENESAS-R7FS3A37A2A01CBJ Datasheet
1Mb / 139P
   Microcontroller
R7FS3A37A2A01CBJ#AC0 RENESAS-R7FS3A37A2A01CBJ#AC0 Datasheet
1Mb / 139P
   Microcontroller
R7FS3A37A2A01CLJ RENESAS-R7FS3A37A2A01CLJ Datasheet
1Mb / 139P
   Microcontroller
R7FS3A37A2A01CLJ#AC0 RENESAS-R7FS3A37A2A01CLJ#AC0 Datasheet
1Mb / 139P
   Microcontroller
R7FS3A37A2A01CLK RENESAS-R7FS3A37A2A01CLK Datasheet
1Mb / 139P
   Microcontroller
More results

Similar Description - R7FS3A6783A01CFM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com