Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

READ2352J Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # READ2352J
Description  CMOS Dual Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ2352J Datasheet(HTML) 3 Page - Renesas Technology Corp

  READ2352J Datasheet HTML 1Page - Renesas Technology Corp READ2352J Datasheet HTML 2Page - Renesas Technology Corp READ2352J Datasheet HTML 3Page - Renesas Technology Corp READ2352J Datasheet HTML 4Page - Renesas Technology Corp READ2352J Datasheet HTML 5Page - Renesas Technology Corp READ2352J Datasheet HTML 6Page - Renesas Technology Corp READ2352J Datasheet HTML 7Page - Renesas Technology Corp READ2352J Datasheet HTML 8Page - Renesas Technology Corp READ2352J Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
READ2352J
R03DS0099EJ0200 Rev.2.00
Page 3 of 8
Apr. 17, 2017
Electrical Characteristics
<VDD=5V, TA=25 oC >
Items
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Supply voltage
VDD - VSS
2.5
5.5
V
Input offset voltage
VIO
±6.0
mV
Input offset current
IIO
(1)
pA
Input bias current
IB
(1)
pA
Output high voltage
VOH
VDD-0.2
V
IL = 10mA
Output low voltage
VOL
VSS+0.2
V
IL = 10mA
Voltage gain
AV
60
90
dB
RL≥100kΩ
Channel supply
current
IDD/ch
0.75
1.5
mA
RL=∞, IO=0
Common mode
rejection ratio
CMRR
60
80
dB
Supply voltage
rejection ratio
SVRR
60
80
dB
Common mode input
voltage range
VICM
VSS
VDD
V
Gain bandwidth
product
GBW
6
MHz
CL=20pF
Slew rate
SR
8
V/μs
CL=20pF
( ) reference value of design
Notes
Output terminal : The over-current protection feature is not built in the output terminal of this product.
Therefore, please insert resistance to output port.
Input offset voltage : the amplifier circuit of the first block of operational amplifier.
A circuit suitable for operation near GND, and a circuit suitable for operation near +power supply.
in case of input voltage of overlap point output port has a minute voltage shift or distortion.


Similar Part No. - READ2352J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
READ2351J RENESAS-READ2351J Datasheet
610Kb / 8P
   CMOS Dual Operational Amplifier
READ2353J RENESAS-READ2353J Datasheet
829Kb / 8P
    Ultra-Small Low Voltage Drive Input Output Full Range
2022.5.12
READ2353JSP RENESAS-READ2353JSP Datasheet
829Kb / 8P
    Ultra-Small Low Voltage Drive Input Output Full Range
2022.5.12
READ2354J RENESAS-READ2354J Datasheet
923Kb / 9P
   High Drivability & High Slew Rate, Input Output Full Range,
2022.5.12
More results

Similar Description - READ2352J

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
logo
Renesas Technology Corp
READ2301G RENESAS-READ2301G Datasheet
633Kb / 8P
   CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM854AA-S ELM-TECH-ELM854AA-S Datasheet
206Kb / 9P
   CMOS Dual operational amplifier
logo
National Semiconductor ...
LMC662 NSC-LMC662 Datasheet
430Kb / 13P
   CMOS Dual Operational Amplifier
LMC6032 NSC-LMC6032 Datasheet
291Kb / 13P
   CMOS Dual Operational Amplifier
logo
Renesas Technology Corp
READ2351J RENESAS-READ2351J Datasheet
610Kb / 8P
   CMOS Dual Operational Amplifier
READ2302G RENESAS-READ2302G Datasheet
634Kb / 9P
   CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com