Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBN40H65T1FPQ-A0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RBN40H65T1FPQ-A0
Description  650V - 40A - IGBT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RBN40H65T1FPQ-A0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RBN40H65T1FPQ-A0 Datasheet HTML 1Page - Renesas Technology Corp RBN40H65T1FPQ-A0 Datasheet HTML 2Page - Renesas Technology Corp RBN40H65T1FPQ-A0 Datasheet HTML 3Page - Renesas Technology Corp RBN40H65T1FPQ-A0 Datasheet HTML 4Page - Renesas Technology Corp RBN40H65T1FPQ-A0 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RBN40H65T1FPQ-A0
Preliminary
R07DS1379EJ0004 Rev.0.04
Page 3 of 4
Dec 28, 2016
Switching Time Test Circuit
Diode Reverse Recovery Time Test Circuit
Waveform
Waveform
Diode clamp
D.U.T
D.U.T
Rg
L
VCC
VCC
trr
Irr
diF/dt
0.9 Irr
IF
IF
Rg
0.5 Irr
L
0
td(off)
td(on)
tf
tr
90%
90%
90%
10%
10%
10%
VGE
IC


Similar Part No. - RBN40H65T1FPQ-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RBN40H125S1FPQ-A0 RENESAS-RBN40H125S1FPQ-A0 Datasheet
326Kb / 5P
   1250V - 40A - IGBT
More results

Similar Description - RBN40H65T1FPQ-A0

ManufacturerPart #DatasheetDescription
logo
MacMic
MM40G3U65BN MACMIC-MM40G3U65BN Datasheet
372Kb / 5P
   650V 40A IGBT
MM40G3U65B MACMIC-MM40G3U65B Datasheet
644Kb / 5P
   650V 40A IGBT
logo
Fairchild Semiconductor
FGH40N65UFD FAIRCHILD-FGH40N65UFD Datasheet
729Kb / 9P
   650V, 40A Field Stop IGBT
logo
Rohm
RGTH80TK65 ROHM-RGTH80TK65 Datasheet
811Kb / 11P
   650V 40A Field Stop Trench IGBT
RGTH80TS65 ROHM-RGTH80TS65 Datasheet
1,007Kb / 11P
   650V 40A Field Stop Trench IGBT
RGTV80TS65D ROHM-RGTV80TS65D Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGW80TK65 ROHM-RGW80TK65 Datasheet
1Mb / 10P
   650V 40A Field Stop Trench IGBT
2017.10 - Rev.A
RGS80TS65HR ROHM-RGS80TS65HR Datasheet
405Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.02 - Rev.A
RGW80TK65E ROHM-RGW80TK65E Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2018.03 - Rev.A
RGTV80TS65 ROHM-RGTV80TS65 Datasheet
974Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com