Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F1177A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F1177A
Description  Ultra-low power consumption technology
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1177A Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F1177A Datasheet HTML 1Page - Renesas Technology Corp R5F1177A Datasheet HTML 2Page - Renesas Technology Corp R5F1177A Datasheet HTML 3Page - Renesas Technology Corp R5F1177A Datasheet HTML 4Page - Renesas Technology Corp R5F1177A Datasheet HTML 5Page - Renesas Technology Corp R5F1177A Datasheet HTML 6Page - Renesas Technology Corp R5F1177A Datasheet HTML 7Page - Renesas Technology Corp R5F1177A Datasheet HTML 8Page - Renesas Technology Corp R5F1177A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
R01DS0244EJ0220 Rev. 2.20
Page 1 of 99
Feb 20, 2017
RL78/I1D
RENESAS MCU
Datasheet
1. OUTLINE
1.1
Features
Ultra-low power consumption technology
•VDD = 1.6 V to 3.6 V
• HALT mode
•STOP mode
• SNOOZE mode
RL78 CPU core
• CISC architecture with 3-stage pipeline
• Minimum instruction execution time: Can be changed
from high speed (0.04167
μs: @ 24 MHz operation with
high-speed on-chip oscillator) to ultra-low speed (66.6
μs: @ 15 kHz operation with low-speed on-chip
oscillator clock)
• Multiply/divide/multiply & accumulate instructions are
supported.
• Address space: 1 MB
• General-purpose registers: (8-bit register
× 8) × 4 banks
• On-chip RAM: 0.7 to 3 KB
Code flash memory
• Code flash memory: 8 to 32 KB
• Block size: 1 KB
• Prohibition of block erase and rewriting (security
function)
• On-chip debug function
• Self-programming (with boot swap function/flash shield
window function)
Data flash memory
• Data flash memory: 2 KB
• Back ground operation (BGO): Instructions can be
executed from the program memory while rewriting the
data flash memory.
• Number of rewrites: 1,000,000 times (TYP.)
• Voltage of rewrites: VDD = 1.8 to 3.6 V
High-speed on-chip oscillator
• Select from 24 MHz, 16 MHz, 12 MHz, 8 MHz, 6 MHz, 4
MHz, 3 MHz, 2 MHz, and 1 MHz
• High accuracy: ±1.0% (VDD = 1.8 to 3.6 V, TA = -20 to
+85°C)
Middle-speed on-chip oscillator
• Selectable from 4 MHz, 2 MHz, and 1 MHz.
Operating ambient temperature
•TA = -40 to +105°C (G: Industrial applications)
Power management and reset function
• On-chip power-on-reset (POR) circuit
• On-chip voltage detector (LVD) (Select interrupt and
reset from 12 levels)
Data transfer controller (DTC)
• Transfer modes: Normal transfer mode, repeat transfer
mode, block transfer mode
• Activation sources: Activated by interrupt sources.
• Chain transfer function
Event link controller (ELC)
• Event signals of 20 types can be linked to the specified
peripheral function.
Serial interfaces
• CSI: 2 channels
• UART: 1 channel
•I2C/simplified I2C: 2 channels
Timers
• 16-bit timer: 4 channels
• 12-bit interval timer: 1 channel
• 8-bit interval timer: 4 channels
• Real-time clock: 1 channel (calendar for 99 years, alarm
function, and clock correction function)
• Watchdog timer: 1 channel
A/D converter
• 8/12-bit resolution A/D converter (VDD = 1.6 to 3.6 V)
• Analog input: 6 to 17 channels
• Internal reference voltage (1.45 V) and temperature
sensor
Comparator
• 2 channels
• Operating modes: Comparator high-speed mode,
comparator low-speed mode, window mode
Operational amplifier
• 4 channels
I/O ports
• I/O port: 14 to 42 (N-ch open drain I/O [withstand
voltage of 6 V]: 4, N-ch open drain I/O [VDD withstand
voltage]: 3 to 7)
• Can be set to N-ch open drain, TTL input buffer, and on-
chip pull-up resistor
• Different potential interface: Can connect to a 1.8/2.5 V
device
• On-chip key interrupt function
• On-chip clock output/buzzer output controller
Others
• On-chip BCD (binary-coded decimal) correction circuit
• On-chip data operation circuit
Remark
The functions mounted depend on the
product. See 1.6 Outline of Functions.
R01DS0244EJ0220
Rev. 2.20
Feb 20, 2017


Similar Part No. - R5F1177A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F110ME RENESAS-R5F110ME Datasheet
1Mb / 153P
   RENESAS MCU
R5F110ME RENESAS-R5F110ME Datasheet
153Kb / 17P
   PG-FP5
R5F110MEA RENESAS-R5F110MEA Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MEG RENESAS-R5F110MEG Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MF RENESAS-R5F110MF Datasheet
1Mb / 153P
   RENESAS MCU
More results

Similar Description - R5F1177A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
   Ultra low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com