Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F117AA Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F117AA
Description  Ultra-low power consumption technology
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F117AA Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F117AA Datasheet HTML 6Page - Renesas Technology Corp R5F117AA Datasheet HTML 7Page - Renesas Technology Corp R5F117AA Datasheet HTML 8Page - Renesas Technology Corp R5F117AA Datasheet HTML 9Page - Renesas Technology Corp R5F117AA Datasheet HTML 10Page - Renesas Technology Corp R5F117AA Datasheet HTML 11Page - Renesas Technology Corp R5F117AA Datasheet HTML 12Page - Renesas Technology Corp R5F117AA Datasheet HTML 13Page - Renesas Technology Corp R5F117AA Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
RL78/I1D
1. OUTLINE
R01DS0244EJ0220 Rev. 2.20
Page 10 of 99
Feb 20, 2017
1.3.5
48-pin products
• 48-pin plastic LFQFP (7
× 7 mm, 0.5 mm pitch)
Caution 1. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Caution 2. Make AVSS pin the same potential as VSS pin.
Caution 3. Make AVDD pin the same potential as VDD pin.
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0
(PIOR0).
<R>
P30/(SCK00)/(SCL00)/TI00/TO01/IVREF0
P50/(TI00/TO01)/RTC1HZ
P51/KR0/SCK01/SCL01/TI02/TO02
P52/KR1/SI01/SDA01/TI03/TO03
P53/KR2/SO01/VCOUT0
P54/SO00/TxD0/INTP1/TOOLTXD
P55/SI00/RxD0/SDA00/INTP2/TOOLRXD
P56/SCK00/SCL00/INTP3
P57/(TI03/TO03)/INTP4/VCOUT1
P63/SSI00
P62
P61
P16/ANI6/AMP1-
P15/ANI5/AMP1+
P14/ANI4/IVCMP0/AMP0O
P13/ANI3/AMP0-
P12/ANI2/AMP0+
P11/ANI1/AVREFM
P10/ANI0/AVREFP
P130
P40/TOOL0
P04/ANI18
P03/ANI17
P02/ANI16
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
1 2 3 456 789 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25
RL78/I1D
(Top View)


Similar Part No. - R5F117AA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F110ME RENESAS-R5F110ME Datasheet
1Mb / 153P
   RENESAS MCU
R5F110ME RENESAS-R5F110ME Datasheet
153Kb / 17P
   PG-FP5
R5F110MEA RENESAS-R5F110MEA Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MEG RENESAS-R5F110MEG Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MF RENESAS-R5F110MF Datasheet
1Mb / 153P
   RENESAS MCU
More results

Similar Description - R5F117AA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
   Ultra low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com