Electronic Components Datasheet Search |
|
T110A105K125AS7200 Datasheet(PDF) 7 Page - Kemet Corporation |
|
T110A105K125AS7200 Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2031_T110_AXIAL_T212 • 9/20/2016 77 Tantalum Through-Hole Capacitors – Hermetically Sealed T110 Series Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style) Rated Voltage Rated Cap Case Size Code KEMET Part Number DC Leakage DF % at 25°C MIL–PRF–39003 (CSR13) Capacitors Dash Number Reference KEMET Equivalent Military Failure Rate Level (%/1,000 hours) MIL–PRF–39003/1K MIL–PRF–39003/1K Exponential Graded VDC µF (See below for part options) µA at 25°C Max/5 Minutes 120 Hz Maximum M (1.0) P (0.1) R (0.01) S (0.001) G (1.0) B (0.1) C (0.01) D (0.001) Part Number 15 120.0 D T110D127K015A(3) 6.0 6 2276 2516 2756 2996 4061 6061 7061 8061 T212D127K015(2)S 15 120.0 D T110D127M015A(3) 6.0 6 15 150.0 D T110D157J015A(3) 8.0 6 5026 5226 5426 5626 4062 6062 7062 8062 T212D157J015(2)S 15 150.0 D T110D157K015A(3) 8.0 6 2277 2517 2757 2997 4063 6063 7063 8063 T212D157K015(2)S 15 150.0 D T110D157M015A(3) 8.0 6 2278 2518 2758 2998 4064 6064 7064 8064 T212D157M015(2)S 20 0.047 A T110A473(1)020A(3) 0.3 3 20 0.056 A T110A563(1)020A(3) 0.3 3 20 0.068 A T110A683(1)020A(3) 0.3 3 20 0.082 A T110A823(1)020A(3) 0.3 3 20 0.10 A T110A104(1)020A(3) 0.3 3 20 0.12 A T110A124(1)020A(3) 0.3 3 20 0.15 A T110A154(1)020A(3) 0.3 3 20 0.18 A T110A184(1)020A(3) 0.3 3 20 0.22 A T110A224(1)020A(3) 0.3 3 20 0.27 A T110A274(1)020A(3) 0.3 3 20 0.33 A T110A334(1)020A(3) 0.3 3 20 0.39 A T110A394(1)020A(3) 0.3 3 20 0.47 A T110A474(1)020A(3) 0.3 3 20 0.56 A T110A564(1)020A(3) 0.3 3 20 0.68 A T110A684(1)020A(3) 0.3 3 20 0.82 A T110A824(1)020A(3) 0.3 3 20 1.0 A T110A105(1)020A(3) 0.3 3 20 1.2 A T110A125J020A(3) 0.3 4 5027 5227 5427 5627 4065 6065 7065 8065 T212A125J020(2)S 20 1.2 A T110A125K020A(3) 0.3 4 2279 2519 2759 2999 4066 6066 7066 8066 T212A125K020(2)S 20 1.2 A T110A125M020A(3) 0.3 4 20 1.5 A T110A155J020A(3) 0.3 4 5028 5228 5428 5628 4067 6067 7067 8067 T212A155J020(2)S 20 1.5 A T110A155K020A(3) 0.3 4 2280 2520 2760 3000 4068 6068 7068 8068 T212A155K020(2)S 20 1.5 A T110A155M020A(3) 0.3 4 2281 2521 2761 3001 4069 6069 7069 8069 T212A155M020(2)S 20 1.8 A T110A185J020A(3) 0.3 4 5029 5229 5429 5629 4070 6070 7070 8070 T212A185J020(2)S 20 1.8 A T110A185K020A(3) 0.3 4 2282 2522 2762 3002 4071 6071 7071 8071 T212A185K020(2)S 20 1.8 A T110A185M020A(3) 0.3 4 20 2.2 A T110A225J020A(3) 0.4 4 5010 5230 5430 5630 4072 6072 7072 8072 T212A225J020(2)S 20 2.2 A T110A225K020A(3) 0.4 4 2283 2523 2763 3003 4073 6073 7073 8073 T212A225K020(2)S 20 2.2 A T110A225M020A(3) 0.4 4 2284 2524 2764 3004 4074 6074 7074 8074 T212A225M020(2)S 20 2.7 B T110B275(1)020A(3) 0.5 4 20 3.3 B T110B335(1)020A(3) 1.0 4 20 3.9 B T110B395(1)020A(3) 1.0 4 20 4.7 B T110B475(1)020A(3) 1.0 4 20 5.6 B T110B565(1)020A(3) 1.0 4 20 6.8 B T110B685(1)020A(3) 1.0 4 20 8.2 B T110B825J020A(3) 1.0 6 5031 5231 5431 5631 4075 6075 7075 8075 T212B825J020(2)S 20 8.2 B T110B825K020A(3) 1.0 6 2285 2525 2765 3005 4076 6076 7076 8076 T212B825K020(2)S 20 8.2 B T110B825M020A(3) 1.0 6 20 10.0 B T110B106J020A(3) 1.0 6 5032 5232 5432 5632 4077 6077 7077 8077 T212B106J020(2)S 20 10.0 B T110B106K020A(3) 1.0 6 2286 2526 2766 3006 4078 6078 7078 8078 T212B106K020(2)S VDC µF Case Size Code (see below for part options) µA at 25°C Max/5 Minimum 120 Hz Maximum M (1.0) P (0.1) R (0.01) S (0.001) G (1.0) B (0.1) C (0.01) D (0.001) Part Number Rated Voltage Rated Cap KEMET Part Number DC Leakage DF % at 25°C MIL–PRF–39003 (CSR13) Capacitors Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET Part Number, insert M for ±20%, K for ±10%, or J for 5%. Designates capacitance tolerance. (2) To complete KEMET Part Number (T212), insert Graded failure rate – A for Not Applicable, B for 0.1%/k hours, C for 0.01%/k hours, D for 0.001%/k hours, or G for 1%/k hours; or insert Exponential failure rate – M for 1%/k hours, P for 0.1%/k hours, R for 0.01%/k hours, or S for 0.001%/k hours. Designates Reliability Level. (3) To complete KEMET Part Number (T110), insert Lead Material designator – S for Standard or T for 100% Matte Tin. Designates Termination finish. Refer to Ordering Information for additional detail. |
Similar Part No. - T110A105K125AS7200 |
|
Similar Description - T110A105K125AS7200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |